Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RM641 Datasheet(PDF) 2 Page - DFI Inc

Part # RM641
Description  Rackmount Chassis for ATX/microATX
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

RM641 Datasheet(HTML) 2 Page - DFI Inc

  RM641 Datasheet HTML 1Page - DFI Inc RM641 Datasheet HTML 2Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
RM641
STORAGE
3 x 5.25" Optical Drive Bays (Front Accessible)
1 x 3.5"/2.5" SATA Drive Bay (Front Accessible)
EXPANSION
7 x Expansion Slot
LED
Indicators
1 x Power LED
1 x HDD LED
I/O
Front
1 x Drive Panel Door With Keylock
2 x USB 2.0 Cutout
Rear
2 x DB-9 Cutout
Buttons
1 x Power Switch
1 x Reset Switch
COOLING
Fan
2 x 92cm System Fan with Quick Access Filter
POWER
Supply
ATX PS/2 Power Supply 500W
AC Power Input : 90~264V
MECHANISM
Construction
SECC
Mounting
Flexible Hold Down Bar
Dimensions ( W x H x D)
483mm x 177mm x 451mm
Weight
21.7kg
ENVIRONMENT
Operating Temperature
0 to 45°C
Storage Temperature
-20 to 60°C
Relative Humidity
0 to 90% RH (non-condensing)
STANDARDS AND
CERTIFICATIONS
Shock
Operating: 3G
Non-operating: 10G
Vibration
Operating: Random 5~500Hz 1G
Non-operating: Sweep Sine 10~500Hz 1.5G
Package Drop
ISTA Project 1A
Ordering Information
Optional Items
Model Name
Part Number
Description
RM641
7A0-RM6410-100G
RM641 Chassis, 500W Power, 3.5" to 2.5" HDD Bracket, RoHS
623-RM4U04-000G
RM641 Chassis, RoHS
Packing List
• 1 RM641 Chassis
Optional Items
Part Number
Description
HDD Bracket
622-050050-000G
5.25" to 3.5" HDD Bracket
SSD Bracket
A31-028264-000G
3.5" to 2.5" SSD Bracket
Power Supply
671-330005-000G
ATX PS/2, 300W, 24pin, RoHS
671-350001-000G
ATX PS/2, 500W, 100~240V, RoHS
Power Cord
785-PWRD
Power Cord, Standards (USA/EUR/CH), 1.8m, RoHS
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © March 23, 2020 DFI Inc.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com