Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC3265 Datasheet(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # 2SC3265
Description  NPN Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

2SC3265 Datasheet(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  2SC3265 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC3265 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD 2SC3265 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC3265 SOT-23
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
S
■
Features
●
High DC current gain
●
Low saturation voltage
●
Complementary to 2SA1298
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector - Base Voltage
VCBO
30
Collector - Emitter Voltage
VCEO
25
Emitter - Base Voltage
VEBO
5
Collector Current - Continuous
IC
800
Base Current
IB
160
Collector Power Dissipation
PC
200
mW
Junction Temperature
TJ
150
Storage Temperature Range
Tstg
-55 to 150
V
℃
mA
■
Electrical Characteristics Ta = 25℃
■
Classification of hfe(1)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
30
Collector- emitter breakdown voltage
VCEO
Ic= 10 mA, IB= 0
25
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
5
Collector-base cut-off current
ICBO
VCB= 30 V , IE= 0
0.1
Emitter cut-off current
IEBO
VEB= 5V , IC=0
0.1
Collector-emitter saturation voltage
VCE(sat) IC= 500 mA, IB=20 mA
0.4
Base - emitter saturation voltage
VBE(sat)
0.72
1
Base - emitter voltage
VBE
VCE= 1V, IC= 10mA
0.5
0.8
VCE= 1V, IC= 100mA
100
320
VCE= 1V, IC= 800mA
40
Collector output capacitance
Cob
VCB= 10V, IE=0, f=1MHz
13
pF
Transition frequency
fT
VCE= 5V, IC= 10mA
120
MHz
V
uA
V
DC current gain
hFE
IC= 500 mA, IB=20 mA
Type
2SC3265-O
2SC3265-Y
Range
100-200
160-320
Marking
EO
EY
1
2
3
1.Base
2.Emitter
3.Collector
■
Simplified outline(SOT-23)
NPN Transistors
■


Similar Part No. - 2SC3265

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3265 TOSHIBA-2SC3265 Datasheet
135Kb / 3P
NPN EPITAXIAL TYPE (LOW FREQUENCY POWER AMPLIFIER, POWER SWITCHING APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC3265 KEXIN-2SC3265 Datasheet
36Kb / 1P
Silicon NPN Epitaxial
logo
Toshiba Semiconductor
2SC3265 TOSHIBA-2SC3265 Datasheet
86Kb / 3P
Low Frequency Power Amplifier Applications Power Switching Applications
2SC3265 TOSHIBA-2SC3265 Datasheet
184Kb / 4P
Low Frequency Power Amplifier Applications Power Switching Applications
2SC3265 TOSHIBA-2SC3265 Datasheet
184Kb / 4P
Low Frequency Power Amplifier Applications Power Switching Applications
More results

Similar Description - 2SC3265

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KST9013 KEXIN-KST9013 Datasheet
103Kb / 2P
NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
NPN Transistors
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com