Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS4614 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS4614
Description  CrystalClear SoundFusion PCI Audio Accelerator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4614 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS4614 Datasheet HTML 5Page - Cirrus Logic CS4614 Datasheet HTML 6Page - Cirrus Logic CS4614 Datasheet HTML 7Page - Cirrus Logic CS4614 Datasheet HTML 8Page - Cirrus Logic CS4614 Datasheet HTML 9Page - Cirrus Logic CS4614 Datasheet HTML 10Page - Cirrus Logic CS4614 Datasheet HTML 11Page - Cirrus Logic CS4614 Datasheet HTML 12Page - Cirrus Logic CS4614 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
DS292PP3
CIRRUS LOGIC PRELIMINARY PRODUCT BULLETIN JUNE 30, 5:03 PM
9
CS4614
CrystalClear™ SoundFusion™ PCI Audio Accelerator
OVERVIEW
The CS4614 is a high performance audio accelera-
tor DSP for the PCI bus. This device, combined
with application and driver software, provides a
complete system solution for cost effective acceler-
ation of Windows DirectSound, Direct-Sound3D,
DirectInput, MIDI playback via Wavetable Syn-
thesis with reverberation and chorus effects pro-
cessing, and more. The CS4614 is compatible with
the CS4610/11 with the following added features:
• AC ‘97 Interface now 2.0 compatible
• CrystalClear Legacy Support
• PC/PCI Legacy Support
• DDMA Legacy Support
There are three main functional blocks within the
CS4614: the Stream Processor, the PCI Interface,
and the DMA Engine. A block diagram of the
CS4614 device is shown in Figure 6.
The Stream Processor (SP) is a high speed custom
Digital Signal Processor (DSP) core specifically
designed for audio signal processing. The Stream
Processor is capable of running a number of differ-
ent signal processing algorithms simultaneously.
This high concurrency capability is valuable for ap-
plications such as immersive 3D games, which may
play a number of DirectSound streams, a number of
DirectSound3D streams, and a MIDI music se-
quence simultaneously.
Separate RAM memories are included on-chip for
the SP program code (PROGRAM RAM), param-
eter data (PARAMETER RAM), and audio sample
data (SAMPLE RAM). Two ROM memories store
coefficients for sample rate conversion and audio
decompression algorithms (COEFFICIENT ROM)
and common algorithm code (PROGRAM ROM).
The RAM-based DSP architecture of the CS4614
ensures maximum system flexibility. The software
function/feature mix can be adapted to meet the re-
quirements of a variety of different applications,
such as DirectX™ games or DOS applications.
This RAM-based architecture also provides a
means for future system upgrades, allowing the ad-
dition of new or upgraded functionality through
software updates.
The CS4614 provides an extremely efficient bus
mastering interface to the PCI bus. The PCI Inter-
face function allows economical burst mode trans-
fers of audio data between host system memory
buffers and the CS4614 device. Program code and
parameter data are also transferred to the CS4614
over the PCI interface.
The DMA Engine provides dedicated hardware to
manage transfer of up to 96 concurrent audio/data
streams to and from host memory buffers. The
DMA Engine provides hardware scatter-gather
support, allowing simple buffer allocation and
96-Stream
DMA Controller
with Hardware
Scatter/Gather
MPU-401
MIDI Interface
Program
ROM
Parameter
RAM
PCI
Interface
Joystick
Interface
SLIMD
SP Core
PC/PCI &
CCLS Legacy
AC ’97 2.0
Interface
GPIO
PLL Clock
Sample
RAM
Program
RAM
Coefficient
ROM
Figure 6. CS4614 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com