Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

YAS1/D2Z22Z Datasheet(PDF) 3 Page - Xiamen silicon-top opto electronics Co.,ltd

Part # YAS1/D2Z22Z
Description  700V 2A SSR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICON-TOP [Xiamen silicon-top opto electronics Co.,ltd]
Direct Link  www.siliconbillion.com
Logo SILICON-TOP - Xiamen silicon-top opto electronics Co.,ltd

YAS1/D2Z22Z Datasheet(HTML) 3 Page - Xiamen silicon-top opto electronics Co.,ltd

  YAS1/D2Z22Z Datasheet HTML 1Page - Xiamen silicon-top opto electronics Co.,ltd YAS1/D2Z22Z Datasheet HTML 2Page - Xiamen silicon-top opto electronics Co.,ltd YAS1/D2Z22Z Datasheet HTML 3Page - Xiamen silicon-top opto electronics Co.,ltd YAS1/D2Z22Z Datasheet HTML 4Page - Xiamen silicon-top opto electronics Co.,ltd YAS1/D2Z22Z Datasheet HTML 5Page - Xiamen silicon-top opto electronics Co.,ltd YAS1/D2Z22Z Datasheet HTML 6Page - Xiamen silicon-top opto electronics Co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
厦门市硅兆光电科技有限公司
Xiamen
Silicon-top opto electronics Co.,Ltd.
版权归厦门市硅兆光电科技有限公司所有
www.siliconbillion.com
REV3.0
Jul 2019
3
安规要求/Safety and insulationratings:
爬电距离Creepage distance:4.3mm,CTI ≥275;
瞬时过电压 Highest allowable overvoltage 4000V;
再现峰值电压 VIORM
769V;
局部放电Partial discharge test voltage:方法b Method b, Vpd = VIORM x 1.6
1230V.
外形尺寸/Outline dimension :(mm)
订货信息/Ordering Information :
订货信息/Ordering Information
Y
AS
1/
D
1.2
P
22
()
公司商标代号
Company symbol
交流输出型 AC SSR
封装 Package:1:DIP8;2:SIP4(单列直插)
输入端电流型 Current driving:D
输入电压型 Voltage driving:
05D—5V;12D—12V;24D—24V;
负载电流 Load current:1—1A;1.2—1.2A;2—2A;
Z:过零 Zero-cross;
P:调相 Non zero-cross
负载电压 Load voltage:22:220Vac;38:380Vac
用户特殊编号
Special code



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com