Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

YAS2/D2Z22Z Datasheet(PDF) 2 Page - Xiamen silicon-top opto electronics Co.,ltd

Part # YAS2/D2Z22Z
Description  700V 2A SSR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICON-TOP [Xiamen silicon-top opto electronics Co.,ltd]
Direct Link  www.siliconbillion.com
Logo SILICON-TOP - Xiamen silicon-top opto electronics Co.,ltd

YAS2/D2Z22Z Datasheet(HTML) 2 Page - Xiamen silicon-top opto electronics Co.,ltd

  YAS2/D2Z22Z Datasheet HTML 1Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D2Z22Z Datasheet HTML 2Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D2Z22Z Datasheet HTML 3Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D2Z22Z Datasheet HTML 4Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D2Z22Z Datasheet HTML 5Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D2Z22Z Datasheet HTML 6Page - Xiamen silicon-top opto electronics Co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
厦门市硅兆光电科技有限公司
Xiamen
Silicon-top opto electronics Co.,Ltd.
版权归厦门市硅兆光电科技有限公司所有
www.siliconbillion.com
REV3.0
Jul 2019
2
电参数/Electrical parameter
(环境温度/
Ambient
temperature: 25℃)
特性参数/Parameter
符号
/Symbol
测试条件/Test
condition
最小值
/Min.
典型值
/Typ.
最大值
/Max.
单位
/Unit
输入端/Input
输入电流/Input current
(**D2P22)
I
in
Vin=VIN(1+20%)
12
18
mA
控制电压范围/Control
voltage range(**D2P22)
VIN(1-20
%)
VIN(1+20%)
V
正向电压/LED forward
Voltage
drop
V
F
IF=10mA
1.2
1.3
V
输出端/Output
额定电流/ ON-state
RMS current
I
IF=10mA
2000
mA
断态漏电流/Output
off-state leakage
current
I
DRM
VD=700V
3
µA
电压指数上升率/ dv/dt
dv/dt
VDRM=600V*1/√2
200
V/µs
负载电压/Load voltage
Vac
48
264
V
最小负载电流/Min. load
current
I
100
mA
耦合特性
/Transfer
characteristics
接通电压/Must operating
voltage (**D2P22)
V
on
VIN(1-20%)
V
LED 触发电流/trigger
current
IFT
VO=6V,RL=100
Ω
4 8
mA
关断电压/ Must release
voltage
V
off
1.2
V
导通电压降/Output
on-state voltage drop
V
T
IF=10mA,IL=2A
VD=6V
1.2
1.5
V
导通时间/Turn on time
t
on
IF=10mA,
VD=6V,RL=100
Ω
0.01;
1
ms
导通时间/Turn on time
(**D2Z22,Zero-cross)
t
on
IF=10mA,
VD=6V,RL=100
Ω
1+1/2
cycle
1
ms
导通时间/Turn on time
t
on
IF=10mA,
VD=6V,RL=100
Ω
0.01
1
ms
关断时间/Turn off time
t
off
1+1/2cycle
ms
绝缘电阻/Insulation
Resistance
R
iso
500Vd.c
1000
M
Ω
介质电压/ I/O
Dielectric Strength
V
ISO
Ioff≤0.5mA
3000
V
rms
工作温度/Operating
temperature
T
-30
85
℃
储存温度/Store
temperature
-40
125



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com