Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

YAS2/D1.2P38Z Datasheet(PDF) 2 Page - Xiamen silicon-top opto electronics Co.,ltd

Part # YAS2/D1.2P38Z
Description  700V SSR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICON-TOP [Xiamen silicon-top opto electronics Co.,ltd]
Direct Link  www.siliconbillion.com
Logo SILICON-TOP - Xiamen silicon-top opto electronics Co.,ltd

YAS2/D1.2P38Z Datasheet(HTML) 2 Page - Xiamen silicon-top opto electronics Co.,ltd

  YAS2/D1.2P38Z Datasheet HTML 1Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D1.2P38Z Datasheet HTML 2Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D1.2P38Z Datasheet HTML 3Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D1.2P38Z Datasheet HTML 4Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D1.2P38Z Datasheet HTML 5Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D1.2P38Z Datasheet HTML 6Page - Xiamen silicon-top opto electronics Co.,ltd YAS2/D1.2P38Z Datasheet HTML 7Page - Xiamen silicon-top opto electronics Co.,ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
厦门市硅兆光电科技有限公司
Xiamen
Silicon-top opto electronics Co.,Ltd.
版权归厦门市硅兆光电科技有限公司所有
www.siliconbillion.com
REV5.0
Mar 2020
2
电参数/Electrical parameter
(Ta=
25℃)
特性参数/Parameter
符号
/Symbo
l
测试条件
/Test
condition
最小
值
/Min.
典型值
/Typ.
最大值
/Max.
单位
/Unit
输入端 Input
正向电压 /LED forward
voltage
V
F
IF=10mA
1.2
1.3
V
输入电流 / Input
Current
I
Vin=14.4
Vd.c,Ri=750
Ω
10.0
19.8
mA
输出端 Output
额定电流
/ ON-state
RMS current
I
IF=10mA
1200
mA
额定电流
/ ON-state
RMS current
(D0.6*22)
I
IF=10mA
600
mA
维持电流 /Holding
current
I
H
50
mA
电压指数上升率 /dv/dt
dv/dt
VDRM=600V*1/√2
200
V/µs
耦合特性
Transfer
characteristics
触发电流/Trigger
current
I
FT
VO=6V,RL=100
Ω
4
8
mA
导通电压降 /Output
on-state voltage drop
(D0.6*22)
V
IF=10mA,IL=600mA
VD=6V
1.1
2.0
V
导通电压降 /Output
on-state voltage drop
V
IF=10mA,IL=1200mA
VD=6V
1.1
2.0
V
导通时间/ Turn on time
t
on
IF=10mA,
VD=6V,RL=100
Ω
0.01
1
ms
导通时间 /Turn on time
(
过零 zero-cross)
t
on
IF=10mA,
VD=6V,RL=100
Ω
1+1/2cycle
ms
关断时间 Turn off time
t
off
1+1/2cycle
ms
介质电压 / Dielectric
Strength*
V
ISO
Ioff≤0.5mA
4000
V
rms
工作温度 Operating
temperature
T
-30
85
℃
储存温度 Store
temperature
-40
125
备注:1、介质电压超过 3000V 建议在油里测试。在测试前请务必确认输入端和输出端已经分别短路
2、带“*”参数为关键参数。



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com