Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CC2420 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # CC2420
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CC2420 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button CC2420 Datasheet HTML 17Page - List of Unclassifed Manufacturers CC2420 Datasheet HTML 18Page - List of Unclassifed Manufacturers CC2420 Datasheet HTML 19Page - List of Unclassifed Manufacturers CC2420 Datasheet HTML 20Page - List of Unclassifed Manufacturers CC2420 Datasheet HTML 21Page - List of Unclassifed Manufacturers CC2420 Datasheet HTML 22Page - List of Unclassifed Manufacturers CC2420 Datasheet HTML 23Page - List of Unclassifed Manufacturers CC2420 Datasheet HTML 24Page - List of Unclassifed Manufacturers CC2420 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 87 page
background image
SmartRF ® CC2420
Item
Single ended output, discrete balun
Differential antenna
C42
10 µF, 0.5
Ω < ESR < 5Ω
10 µF, 0.5
Ω < ESR < 5Ω
C61
0.5 pF, +/- 0.25pF, NP0, 0402
Not used
C62
5.6 pF, +/- 0.25pF, NP0, 0402
Not used
C71
5.6 pF, 10%, X5R, 0402
5.6 pF, 10%, X5R, 0402
C81
0.5 pF, +/- 0.25pF, NP0, 0402
Not used
C381
22 pF, 5%, NP0, 0402
27 pF, 5%, NP0, 0402
C391
22 pF, 5%, NP0, 0402
27 pF, 5%, NP0, 0402
L61
7.5 nH, 5%, Monolithic/multilayer, 0402
27 nH, 5%, Monolithic/multilayer, 0402
L62
5.6 nH, 5%, Monolithic/multilayer, 0402
Not used
L81
7.5 nH, 5%, Monolithic/multilayer, 0402
Not used
R451
43 k
Ω, 1%, 0402
43 k
Ω, 1%, 0402
XTAL
16 MHz crystal, 16 pF load (CL),
ESR < 60
Ω
16 MHz crystal, 16 pF load (CL),
ESR < 60
Ω
Table 2. Bill of materials for the application circuits
Chipcon AS SmartRF® CC2420 Preliminary Datasheet (rev 1.2), 2004-06-09
Page 21 of 87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com