Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FM4808C3N Datasheet(PDF) 2 Page - Vicor Corporation

Part # FM4808C3N
Description  FM48 FiltMod Input Filter Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

FM4808C3N Datasheet(HTML) 2 Page - Vicor Corporation

  FM4808C3N Datasheet HTML 1Page - Vicor Corporation FM4808C3N Datasheet HTML 2Page - Vicor Corporation FM4808C3N Datasheet HTML 3Page - Vicor Corporation FM4808C3N Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Vicor Corp. Tel: 800-735-6200, 978-470-2900 Fax: 978-475-6715
FM48, Filter Module
Rev. 2.3
Page 2 of 4
Set your site on VICOR at www.vicorpower.com
Typical Transient, Surge Protection and Filtering Solution
IAM2
2nd Generation
48Vdc Input
DC-DC Converters
–IN
PR
PC
+IN
–OUT
–S
SC
+S
+OUT
FM48
–IN
+IN
IAM48
Note: The IAM48 is shown in the on state.
To disable, open the connection to pin 3.
– IN
NC
NC
+IN
– OUT
GND
+ OUT
– OUT
NC
Off/On
+OUT
– IN
NC
+ IN
Conducted Noise
Figure 1— FM4812C12 and Model V48A12C500A
DC-DC converter.
Figure 2—FM4812C12 and Model V48B24C250A
DC-DC converter.
Figure 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com