Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BES05RW Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BES05RW
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES05RW Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BES05RW Datasheet HTML 1Page - Balluff Korea Ltd. BES05RW Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Inductive Sensors
BES Q08ZC-YPL20B-BP00,3-GS04
Order Code: BES05RW
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 270109
ETIM 6.0: EC002714
BES05RW_0.22_2020-09-14
2 / 2
Material
Housing material
Zinc, Die casting, Nickel-free
coated
Material jacket
PUR
Material sensing surface
PBT
Surface protection
Nickel-free coated
Mechanical data
Dimension
44 x 8 x 8 mm
Installation
for flush mounting
Size
8x8
Tightening torque
0.5 Nm
Output/Interface
Baud rate
38.4 kBaud
Interface
IO-Link 1.1
Interface setting option
Factory setting (Reset)
SIO mode/IO-Link mode
Teach-In of switchpoints
Process data IN
Teaching successfully reply
1 bytes
Switching state
Target too close/far
Process data OUT
1 bytes
Process data cycle min.
3 ms
Switching output
2x PNP/NPN/push-pull NO/NC
Range/Distance
Hysteresis H max. (% of Son)
16 %
Measuring range
1...2 mm
Rated operating distance Sn
2 mm
Switching distance marking
■■
Tolerance Sr
±10 %
Remarks
The sensor is functional again after the overload has been eliminated.
Sensors with IO-Link function are not suitable for series or parallel wiring.
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
Wiring Diagrams



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com