Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W6100 Datasheet(PDF) 7 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 7 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 3Page - WIZnet Co., Ltd W6100 Datasheet HTML 4Page - WIZnet Co., Ltd W6100 Datasheet HTML 5Page - WIZnet Co., Ltd W6100 Datasheet HTML 6Page - WIZnet Co., Ltd W6100 Datasheet HTML 7Page - WIZnet Co., Ltd W6100 Datasheet HTML 8Page - WIZnet Co., Ltd W6100 Datasheet HTML 9Page - WIZnet Co., Ltd W6100 Datasheet HTML 10Page - WIZnet Co., Ltd W6100 Datasheet HTML 11Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
7/149
4.2.2 Sn_PSR (SOCKET n Prefer Source IPv6 Address Register)..........................57
4.2.3 Sn_CR (SOCKET n Command Register) ...............................................57
4.2.4 Sn_IR (SOCKET n Interrupt Register) .................................................60
4.2.5 Sn_IMR (SOCKET n Interrupt Mask Register).........................................60
4.2.6 Sn_IRCLR (Sn_IR Clear Register) ......................................................61
4.2.7 Sn_SR (SOCKET n Status Register) ....................................................61
4.2.8 Sn_ESR (SOCKET n Extension Status Register) ......................................62
4.2.9 Sn_PNR (SOCKET n IP Protocol Number Register) ..................................63
4.2.10 Sn_TOSR (SOCKET n IP Type of Service Register) .................................63
4.2.11 Sn_TTLR (SOCKET n IP Time To Live Register) ....................................63
4.2.12 Sn_FRGR (SOCKET n Fragment Offset in IP Header Register) ...................63
4.2.13 Sn_MSSR (SOCKET n Maximum Segment Size Register)...........................64
4.2.14 Sn_PORTR (SOCKET n Source Port Register) .......................................64
4.2.15 Sn_DHAR (SOCKET n Destination Hardware Address Register) ..................65
4.2.16 Sn_DIPR (SOCKET n Destination IPv4 Address Register) ..........................65
4.2.17 Sn_DIP6R (SOCKET n Destination IPv6 Address Register) ........................65
4.2.18 Sn_DPORTR (SOCKET n Destination Port Register)................................66
4.2.19 Sn_MR2 (SOCKET n Mode register 2) ................................................67
4.2.20 Sn_RTR (SOCKET n Retransmission Time Register) ...............................68
4.2.21 Sn_RCR (SOCKET n Retransmission Count Register) ..............................68
4.2.22 Sn_KPALVTR (SOCKET n Keep Alive Time Register)...............................68
4.2.23 Sn_TX_BSR (SOCKET n TX Buffer Size Register) ...................................68
4.2.24 Sn_TX_FSR (SOCKET n TX Free Buffer Size Register) .............................69
4.2.25 Sn_TX_RD (SOCKET n TX Read Pointer Register) ..................................69
4.2.26 Sn_TX_WR (SOCKET n TX Write Pointer Register) ................................70
4.2.27 Sn_RX_BSR (SOCKET n RX Buffer Size Register) ...................................70
4.2.28 Sn_RX_RSR (SOCKET n RX Received Size Register)................................70
4.2.29 Sn_RX_RD (SOCKET n RX Read Pointer Register) ..................................71
4.2.30 Sn_RX_WR (SOCKET n RX Write Pointer Register) ................................71
5. HOST Interface Mode .............................................................................. 72
5.1
SPI Mode ...................................................................................72
5.1.1 SPI Frame ................................................................................73
5.1.2 Variable Length Data Mode (VDM) ....................................................76
5.1.3 Fixed Length Data Mode (FDM)........................................................77
5.2
Parallel BUS Mode ........................................................................80
5.2.1 Parallel BUS Data Write ................................................................81
5.2.2 Parallel BUS Data Read.................................................................82
6. Functional Description ............................................................................ 83
6.1
Initialization ..............................................................................83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com