Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T22C686M050ESS Datasheet(PDF) 5 Page - Vishay Siliconix

Part # T22C686M050ESS
Description  Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T22C686M050ESS Datasheet(HTML) 5 Page - Vishay Siliconix

  T22C686M050ESS Datasheet HTML 1Page - Vishay Siliconix T22C686M050ESS Datasheet HTML 2Page - Vishay Siliconix T22C686M050ESS Datasheet HTML 3Page - Vishay Siliconix T22C686M050ESS Datasheet HTML 4Page - Vishay Siliconix T22C686M050ESS Datasheet HTML 5Page - Vishay Siliconix T22C686M050ESS Datasheet HTML 6Page - Vishay Siliconix T22C686M050ESS Datasheet HTML 7Page - Vishay Siliconix T22C686M050ESS Datasheet HTML 8Page - Vishay Siliconix T22C686M050ESS Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
T22
www.vishay.com
Vishay
Revision: 13-May-2020
5
Document Number: 40187
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL PERFORMANCE CHARACTERISTICS OF T22 CAPACITORS
ELECTRICAL PERFORMANCE CHARACTERISTICS
ITEM
PERFORMANCE CHARACTERISTICS
Category temperature range
-55 °C to +85 °C (to +125 °C with voltage derating)
Capacitance tolerance
± 20 %, ± 10 % at +25 °C, 120 Hz
Capacitance change by temperature
Limit per Standard Ratings table
ESR
Limit per Standard Ratings table, at +25 °C, 120 Hz
Impedance
Limit per Standard Ratings table, at -55 °C, 120 Hz
DCL (leakage current)
Limit per Standard Ratings table
AC ripple current
Limit per Standard Ratings table, at +85 °C and 40 kHz
Reverse voltage
Reverse voltage shall be in accordance with MIL-PRF-39006, paragraphs 3.23 and 4.8.19, except DC
potential will be maximum of 3 V
Maximum operating voltage
OPERATING TEMPERATURE
+85 °C
+125 °C
RATED VOLTAGE
(VDC)
SURGE VOLTAGE
(VDC)
DERATED VOLTAGE
(VDC)
50
57.5
30
75
86.2
50
100
115.0
65
125
144.0
85
Surge voltage
The DC surge voltage is the maximum voltage to which the capacitor can be subjected under any
conditions including transients and peak ripple at the highest line voltage.
The DC surge voltage is 115 % of rated DC voltage
PERFORMANCE CHARACTERISTICS
ITEM
CONDITION
POST TEST PERFORMANCE
Surge voltage
In accordance with MIL-PRF-39006:
85 °C 1000 successive test cycles at
the applicable DC surge voltage
specified in series with a 1 k
 resistor
at the rate of 30 s ON, 5.5 min OFF
Capacitance change
Leakage current
Within ± 10 % of initial measured value
Not to exceed specified value
Life testing
In accordance with MIL-PRF-39006:
capacitors shall be capable of
withstanding a 2000 h life test at a
temperature +85 °C at rated voltage,
or a 2000 h life test at a temperature
+125 °C at derated voltage
Capacitance change
Leakage current at 85 °C / 125 °C
Leakage current at 25 °C
ESR
+10 % / -20 % of initial measured value
Not to exceed 125 % of initial specified value
Not to exceed specified value
Not to exceed 200 % of specified value
AC ripple life
In accordance with MIL-PRF-39006: 2000 h, +85 °C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com