Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IIS3DHHCTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # IIS3DHHCTR
Description  High-resolution, high-stability 3-axis digital accelerometer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IIS3DHHCTR Datasheet(HTML) 4 Page - STMicroelectronics

  IIS3DHHCTR Datasheet HTML 1Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 2Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 3Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 4Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 5Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 6Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 7Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 8Page - STMicroelectronics IIS3DHHCTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
2.2
Electrical characteristics
@ Vdd = 2.8 V, T = 25 °C unless otherwise noted.
Table 3. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ. (1)
Max.
Unit
Vdd
Supply voltage
1.71
2.8
3.6
V
Vdd_IO
I/O pins supply voltage
1.71
Vdd+0.1
V
Idd
Supply current
2.5
5
mA
VIH
Digital high-level input voltage
0.7*Vdd_IO
V
VIL
Digital low-level input voltage
0.3*Vdd_IO
V
VOH
High-level output voltage
IOH = 4 mA (2)
Vdd_IO - 0.2
V
VOL
Low-level output voltage
IOL = 4 mA(2)
0.2
V
Top
Operating temperature range
-40
+85
°C
SPI_Fr
SPI frequency
4-wire interface
5
10
MHz
Trise
Time for power supply to rise(3)
0.01
100
ms
Twait
Time delay between Vdd_IO and Vdd(3)
0
10
ms
1. Typical specifications are not guaranteed.
2. 4 mA is the maximum driving capability, i.e. the maximum DC current that can be sourced/sunk by the digital
pad in order to guarantee the correct digital output voltage levels VOH and VOL.
3. Please refer to Figure 2. Recommended power-up sequence for more details.
2.2.1
Recommended power-up sequence
For the power-up sequence please refer to the following figure, where:
•
Trise is the time for the power supply to rise from 10% to 90% of its final value
•
Twait is the time delay between the end of the Vdd_IO ramp (90% of its final value) and the start of the Vdd
ramp
In the power-down sequence Vdd and Vdd_IO can come down in any order.
Figure 2. Recommended power-up sequence
Trise
Twait
Trise
0V
0V
Vdd_IO
Vdd
IIS3DHHC
Electrical characteristics
DS12292 - Rev 3
page 4/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com