Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPS160HF Datasheet(PDF) 14 Page - STMicroelectronics

Part # IPS160HF
Description  Single channel high-side switches
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IPS160HF Datasheet(HTML) 14 Page - STMicroelectronics

Back Button IPS160HF Datasheet HTML 10Page - STMicroelectronics IPS160HF Datasheet HTML 11Page - STMicroelectronics IPS160HF Datasheet HTML 12Page - STMicroelectronics IPS160HF Datasheet HTML 13Page - STMicroelectronics IPS160HF Datasheet HTML 14Page - STMicroelectronics IPS160HF Datasheet HTML 15Page - STMicroelectronics IPS160HF Datasheet HTML 16Page - STMicroelectronics IPS160HF Datasheet HTML 17Page - STMicroelectronics IPS160HF Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
When an inductive load is driven, some ringing of the output voltage may be observed at the end of the
demagnetization. In fact, the load is completely demagnetized when ILOAD = 0 A and the OUT pin remains floating
until next turn-on. In order to avoid false detection of the open load event when driving inductive loads, the open
load signal is masked for tBKT. So, the open load is reported on the DIAG pin with a delay of tBKT and if the open
load event is triggered for more than tBKT.
6.5
VCC disconnection protection
The IC is protected despite the VCC disconnection event. This event is intended as the disconnection of the VCC
wire from the application board, see figure below. When this condition happens, the IC continues working
normally until the voltage on the VCC pin is ≥ VUVOFF. Once the VUVOFF is triggered, the output channel is turned
off independently on the input status. In case of inductive load, if the VCC is disconnected while the output channel
is still active, the IC allows the discharge of the energy still stored in the inductor through the integrated power
switch.
Figure 8. VCC disconnection
OUT
GND
SUPPLY RAIL
GROUND PLANE
APPLICATION BOARD
IC
VCC
EXPOSED
PAD
ON
CVCC
VCC >VUVOFF
DRIVING
CIRCUITRY
IPS160HF, IPS161HF
VCC disconnection protection
DS13271 - Rev 2
page 14/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com