Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STEVALMKI109V2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVALMKI109V2
Description  ISM330DLC adapter board for a standard DIL24 socket
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVALMKI109V2 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVALMKI109V2 Datasheet HTML 1Page - STMicroelectronics STEVALMKI109V2 Datasheet HTML 2Page - STMicroelectronics STEVALMKI109V2 Datasheet HTML 3Page - STMicroelectronics STEVALMKI109V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1
Schematic diagrams
Figure 1. STEVAL-MKI182V2 circuits
GND
GND
GND
VDD
VDDIO
SCx
P17
GND
INT1
INT2
CS
SCL
SDA
SDO
INT1
SCx
SDx
SDO
OCS
INT2
VDD
GND
SDO
1
SDx
2
SCx
3
INT1
4
VDD
8
INT2
9
OCS
10
OSDO
11
ISM330DLC
U1
100nF
C1
100nF
C2
OCS
SDx
P4
OSDO
OSDO
R0
R1
R0
R2
DNM
R0
R3
R0
R4
DNM
R0
R5
R0
R6
DNM
R0
R7
R0
R8
DNM
P18
P3
P3
P18
P24
P4
P24
P5
P5
P17
P16
P16
P6
P6
1
2
3
4
5
6
7
8
9
10
11
12
JP1
Header 12
24
23
22
21
20
19
18
17
16
15
14
13
JP2
Header 12
STEVAL-MKI182V2
Shematic diagrams
DB3610 - Rev 1
page 2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com