| Electronic Components Datasheet Search |
|
STEVALMKI109V3 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STEVALMKI109V3 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() Features • Complete ISM330DLC pinout for a standard DIL 24 socket • Fully compatible with STEVAL-MKI109V3 motherboard • Changing the resistor settings is also compatible with the STEVAL-MKI109V2 motherboard • RoHS compliant Description The STEVAL-MKI182V2 is an adapter board designed to facilitate the evaluation of MEMS devices in the ISM330DLC product family. The board offers an effective solution for fast system prototyping and device evaluation directly within the user’s own application. The STEVAL-MKI182V2 can be plugged into a standard DIL 24 socket. The adapter provides the complete ISM330DLC pin-out and comes ready-to-use with the required decoupling capacitors on the VDD power supply line. This adapter is supported by the STEVAL-MKI109V2 and STEVAL-MKI109V3 motherboards, which include a high performance 32-bit microcontroller functioning as a bridge between the sensor and a PC, on which it is possible to use the downloadable graphical user interface (Unico GUI), or dedicated software routines for customized applications. Product summary ISM330DLC adapter board for a standard DIL24 socket STEVAL- MKI182V2 iNEMO inertial module, 3- axis accelerometer, 3-axis gyroscope for Industry 4.0 applications ISM330DLC ST MEMS adapters motherboard based on STM32F103, compatible with all ST MEMS adapter boards STEVAL- MKI109V2 ST MEMS adapter motherboard based on the STM32F401VET6 compatible with ST MEMS adapters STEVAL- MKI109V3 ISM330DLC adapter board for a standard DIL24 socket STEVAL-MKI182V2 Data brief DB3610 - Rev 1 - May 2018 For further information contact your local STMicroelectronics sales office. www.st.com |
Similar Part No. - STEVALMKI109V3 |
|
Similar Description - STEVALMKI109V3 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |