Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCS473-PQTP Datasheet(PDF) 23 Page - Microchip Technology

Part # HCS473-PQTP
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473-PQTP Datasheet(HTML) 23 Page - Microchip Technology

Back Button HCS473-PQTP Datasheet HTML 19Page - Microchip Technology HCS473-PQTP Datasheet HTML 20Page - Microchip Technology HCS473-PQTP Datasheet HTML 21Page - Microchip Technology HCS473-PQTP Datasheet HTML 22Page - Microchip Technology HCS473-PQTP Datasheet HTML 23Page - Microchip Technology HCS473-PQTP Datasheet HTML 24Page - Microchip Technology HCS473-PQTP Datasheet HTML 25Page - Microchip Technology HCS473-PQTP Datasheet HTML 26Page - Microchip Technology HCS473-PQTP Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS40035C-page 21
HCS473
TABLE 3-4:
HCS473 RESPONSE OPTIONS
3.2.1.8
Skip Field Acknowledge (SKIPACK)
The initial Field Acknowledge sequence, occurring dur-
ing the wake-up pulse, may be disabled by enabling the
Skip Field Acknowledge configuration option (SKI-
PACK=1). Omitting the ACK slightly minimizes a
HCS473’s average communication current draw, but
conversely will increase average authentication time as
the wake-up pulse must then be the maximum start-up
filter charge time, T
SFMAX.
3.2.2
TRANSPONDER COMMUNICATION
Data to and from the HCS473 is always sent Least Sig-
nificant bit first. The data length and modulation format
vary with the particular command sequence and the
transmission path.
3.2.2.1
LC Communication Format
Commands from the transponder reader to the
HCS473 as well as the responses from the HCS473
over the low frequency path (LC pins) are Pulse Posi-
tion Modulated (PPM) according to Figure 3-10.
Communication from the transponder reader to a
HCS473 is via the reader amplitude shifting a 125kHz
low frequency (LF) field.
LF responses back to the transponder reader are
achieved by the HCS473 applying a low-resistance
short from the LC pins to LCCOM (configuration option
LCRSP enables LF talkback). This short across the
antenna inputs is detected by the reader as a load on
its 125kHz transmitting antenna.
See Section 5.4 for further details on inductive commu-
nication principles.
FIGURE 3-10:
LC PIN PULSE POSITION
MODULATION (PPM)
3.2.2.2
RF DATA Communication Format
The RF responses on the DATA pin vary with the infor-
mation being returned.
• Acknowledge responses are based on the LF
TE.
• Data code words responses are based on the
RF
TE, using the format determined by the
Encoder mode options, Section 3.1.4.
3.2.2.3
Wake-up Sequence
The transponder reader initiates each communication
sequence by turning on the low frequency field, then
waits for a HCS473 to Acknowledge the field.
The HCS473 enters Transponder Mode after detecting
a signal on any LC low frequency antenna input pin that
has remained high for at least the start-up filter time
T
SF, Table 7-5. The device then responds with a Field
Acknowledge sequence indicating that it has detected
the LF field, is in Transponder Mode and is ready to
receive commands (Figure 3-11). The wake-up pulse’s
falling edge must then occur within T
CMD of the end of
the Field Acknowledge sequence.
The Field Acknowledge sequence may optionally be
disabled by enabling the Skip Field ACK configuration
option, Section 3.2.1.8.
In both cases, the first command bit must begin within
T
CMD of the wake-up pulse’s falling edge or the
HCS473 will return to Low Power mode.
RFRSP
LCRSP
Description
00
No response
01
Response over the LC pins
10
Response through the DATA pin
11
Response through the DATA pin
first and then the LC pins
START or
previous bit
1LF
TE
2LF
TE
‘0’
‘1’
1LF
TE 1LFTE
Digital
Representation
125kHz
Digital
Representation
125kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com