Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FS32K114BHTXMLQTR Datasheet(PDF) 21 Page - NXP Semiconductors

Part # FS32K114BHTXMLQTR
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K114BHTXMLQTR Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button FS32K114BHTXMLQTR Datasheet HTML 17Page - NXP Semiconductors FS32K114BHTXMLQTR Datasheet HTML 18Page - NXP Semiconductors FS32K114BHTXMLQTR Datasheet HTML 19Page - NXP Semiconductors FS32K114BHTXMLQTR Datasheet HTML 20Page - NXP Semiconductors FS32K114BHTXMLQTR Datasheet HTML 21Page - NXP Semiconductors FS32K114BHTXMLQTR Datasheet HTML 22Page - NXP Semiconductors FS32K114BHTXMLQTR Datasheet HTML 23Page - NXP Semiconductors FS32K114BHTXMLQTR Datasheet HTML 24Page - NXP Semiconductors FS32K114BHTXMLQTR Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
Table 13. Power consumption (Typicals unless stated otherwise) 1
VLPS (μA) 2
VLPR (mA)
STOP1
(mA)
STOP2
(mA)
RUN@48
MHz (mA)
RUN@64 MHz
(mA)
RUN@80 MHz
(mA)
HSRUN@112
MHz (mA) 3
S32K116
25
Typ
26
40
1.05
1.07
1.70
6.3
7.2
11.8
20.3
NA
245
85
Typ
76
93
1.1
1.11
1.77
6.6
7.5
12
20.6
251
Max
287
300
1.39
1.4
NA
8
8.9
13.4
22.1
279
105
Typ
139
164
1.15
1.16
1.81
6.8
7.7
12.3
20.8
255
Max
590
603
1.68
1.69
NA
9.2
10.1
14.5
23.1
302
125
Typ
NA
NA
NA
NA
1.96
NA
NA
NA
NA
NA
Max
891
904
2.02
2.04
NA
10.4
11.3
15.6
24.1
325
S32K118
25
Typ
27
40
1.15
1.16
1.76
6.4
7.3
12.8
21.5
NA
268
85
Typ
81
100
1.20
1.21
1.82
6.7
7.6
13.2
21.8
274
Max
304
323
1.46
1.47
NA
8
9
14.5
23.4
301
105
Typ
149
175
1.27
1.28
1.89
6.9
7.9
13.4
22.1
279
Max
606
637
1.76
1.77
NA
9.3
10.4
15.4
24.2
320
125
Typ
NA
NA
NA
NA
2.03
NA
NA
NA
NA
NA
Max
1111
1126
2.32
2.33
NA
11.0
11.9
17.1
25.9
357
S32K142
25
Typ
29
40
1.17
1.21
2.19
6.4
7.4
17.3
24.6
24.5
31.3
28.8
37.5
40.5
52.2
360
85
Typ
128
137
1.48
1.51
2.31
7
8
17.6
24.9
25
31.6
29.1
37.7
41.1
52.5
364
Max
335
360
1.87
1.89
NA
8.6
9.4
22
28.2
26.9
33.5
32
40
44
55.6
400
Table continues on the next page...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com