Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9166-FMC-EBZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9166-FMC-EBZ
Description  DC to 9 GHz Vector Signal Generator
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9166-FMC-EBZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9166-FMC-EBZ Datasheet HTML 9Page - Analog Devices AD9166-FMC-EBZ Datasheet HTML 10Page - Analog Devices AD9166-FMC-EBZ Datasheet HTML 11Page - Analog Devices AD9166-FMC-EBZ Datasheet HTML 12Page - Analog Devices AD9166-FMC-EBZ Datasheet HTML 13Page - Analog Devices AD9166-FMC-EBZ Datasheet HTML 14Page - Analog Devices AD9166-FMC-EBZ Datasheet HTML 15Page - Analog Devices AD9166-FMC-EBZ Datasheet HTML 16Page - Analog Devices AD9166-FMC-EBZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 138 page
background image
Data Sheet
AD9166
Rev. 0 | Page 13 of 138
SYSREF±
DAC_2P5_AN = 2.5 V, DAC_1P2_AN = DAC_1P2_CLK = 1.2 V, DAC_N1P2_AN = −1.2 V, DAC_1P2_DIG = 1.2 V, VDD_IO = 2.5 V,
DAC_1P2_SER = 1.2 V, DAC_3P3_SYNC = 3.3 V, AMP_5V_IN = 5.0 V, AMP_3P3_OUT = 3.3 V, AMP_3P3 = 3.3 V, AMP_N5 = −5.0 V,
IOUTFS = 40 mA, TA = −40°C to +85°C, unless otherwise noted.
Table 10.
Parameter
Test Conditions/Comments
Min
Typ
Max1
Unit
SYSREF±2
Differential Swing = 1.0 V
Minimum Setup Time, tSYSS
AC-coupled
65
ps
DC-coupled, common-mode voltage = 0 V
45
ps
DC-coupled, common-mode voltage = 1.25 V
68
ps
Minimum Hold Time, tSYSH
AC-coupled
19
ps
DC-coupled, common-mode voltage = 0 V
5
ps
DC-coupled, common-mode voltage = 1.25 V
51
ps
1 The maximum setup and hold times can be inferred from the data sheet for the 11 mm × 11 mm variant of the AD9164, under the assumption that the variations due
to difference in device laminate between the AD9166 and the AD9164 are minimal.
2 The SYSREF± pulse must have a duration longer than the device sample and hold time, plus four additional device clock cycles. For more information, refer to the
SYSREF± Signal section.
SYSREF+
tSYSS
CLK+
tSYSH
MIN 4 CLOCK EDGES
Figure 2. SYSREF± to Device Clock Timing Diagram (Only SYSREF+ and CLK+ Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com