Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FS32K114BHTXVLUTR Datasheet(PDF) 85 Page - NXP Semiconductors

Part # FS32K114BHTXVLUTR
Description  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K114BHTXVLUTR Datasheet(HTML) 85 Page - NXP Semiconductors

Back Button FS32K114BHTXVLUTR Datasheet HTML 81Page - NXP Semiconductors FS32K114BHTXVLUTR Datasheet HTML 82Page - NXP Semiconductors FS32K114BHTXVLUTR Datasheet HTML 83Page - NXP Semiconductors FS32K114BHTXVLUTR Datasheet HTML 84Page - NXP Semiconductors FS32K114BHTXVLUTR Datasheet HTML 85Page - NXP Semiconductors FS32K114BHTXVLUTR Datasheet HTML 86Page - NXP Semiconductors FS32K114BHTXVLUTR Datasheet HTML 87Page - NXP Semiconductors FS32K114BHTXVLUTR Datasheet HTML 88Page - NXP Semiconductors FS32K114BHTXVLUTR Datasheet HTML 89Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 100 page
background image
Table 55. Thermal characteristics for 32-pin QFN and 48/64/100/144/176-pin LQFP package
Rating
Conditions
Symbol
Package
Values (in °C/W)
S32K116 S32K118 S32K142
S32K142
W
S32K144
S32K144
W
S32K146 S32K148
Thermal resistance, Junction to
Ambient (Natural Convection)1, 2
Single layer
board (1s)
RθJA
32
93
NA
NA
NA
NA
NA
NA
NA
48
79
71
70
69
69
69
NA
NA
64
NA
62
61
60
61
60
59
NA
100
NA
NA
53
NA
52
NA
51
46
144
NA
NA
NA
NA
NA
NA
51
44
176
NA
NA
NA
NA
NA
NA
NA
42
Thermal resistance, Junction to
Ambient (Natural Convection)1
Two layer
board
(1s1p)
RθJA
32
50
NA
NA
NA
NA
NA
NA
NA
48
58
50
49
48
48
48
NA
NA
64
NA
46
45
45
45
45
44
NA
100
NA
NA
42
NA
42
NA
40
36
144
NA
NA
NA
NA
NA
NA
44
37
176
NA
NA
NA
NA
NA
NA
NA
36
Thermal resistance, Junction to
Ambient (Natural Convection)1, 2
Four layer
board
(2s2p)
RθJA
32
32
NA
NA
NA
NA
NA
NA
NA
48
55
47
46
45
45
45
NA
NA
64
NA
44
43
42
43
42
41
NA
100
NA
NA
40
NA
40
NA
39
34
144
NA
NA
NA
NA
NA
NA
42
36
176
NA
NA
NA
NA
NA
NA
NA
35
Thermal resistance, Junction to
Ambient (@200 ft/min)1, 3
Single layer
board (1s)
RθJMA
32
77
NA
NA
NA
NA
NA
NA
NA
48
66
58
57
56
57
56
NA
NA
64
NA
50
49
49
49
49
48
NA
100
NA
NA
43
NA
42
NA
41
37
144
NA
NA
NA
NA
NA
NA
42
36
176
NA
NA
NA
NA
NA
NA
NA
34
Thermal resistance, Junction to
Ambient (@200 ft/min)1
Two layer
board
(1s1p)
RθJMA
32
43
NA
NA
NA
NA
NA
NA
NA
48
51
43
42
41
41
41
NA
NA
64
NA
39
38
38
38
38
37
NA
Table continues on the next page...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com