Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74HCS151PW Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74HCS151PW
Description  SN74HCS151 8-to-1 Multiplexer with Schmitt-Trigger Inputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS151PW Datasheet(HTML) 3 Page - Texas Instruments

  SN74HCS151PW Datasheet HTML 1Page - Texas Instruments SN74HCS151PW Datasheet HTML 2Page - Texas Instruments SN74HCS151PW Datasheet HTML 3Page - Texas Instruments SN74HCS151PW Datasheet HTML 4Page - Texas Instruments SN74HCS151PW Datasheet HTML 5Page - Texas Instruments SN74HCS151PW Datasheet HTML 6Page - Texas Instruments SN74HCS151PW Datasheet HTML 7Page - Texas Instruments SN74HCS151PW Datasheet HTML 8Page - Texas Instruments SN74HCS151PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
5 Pin Configuration and Functions
1
2
3
7
4
5
6
14
13
12
8
11
10
9
GND
D5
D7
A
V
CC
15
16
D3
D2
D1
D0
Y
W
G
D4
C
D6
B
D or PW Package 16-Pin SOIC or TSSOP Top View
Pin Functions
PIN
I/O(1)
DESCRIPTION
SOIC or
TSSOP NO.
NAME
1
D3
I
Data input 3
2
D2
I
Data input 2
3
D1
I
Data input 1
4
D0
I
Data input 0
5
Y
O
Data output
6
W
O
Data output, inverted
7
G
I
Output strobe, active low
8
GND
—
Ground
9
C
I
Address select C
10
B
I
Address select B
11
A
I
Address select A
12
D7
I
Data input 7
13
D6
I
Data input 6
14
D5
I
Data input 5
15
D4
I
Data input 4
16
VCC
—
Positive supply
www.ti.com
SN74HCS151
SCLS845 – SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN74HCS151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com