Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMC-4DFM-PCIS Datasheet(PDF) 5 Page - Contec Co., Ltd

Part # SMC-4DFM-PCIS
Description  4 axes high-speed line driver output motion control board for PCI
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

SMC-4DFM-PCIS Datasheet(HTML) 5 Page - Contec Co., Ltd

  SMC-4DFM-PCIS Datasheet HTML 1Page - Contec Co., Ltd SMC-4DFM-PCIS Datasheet HTML 2Page - Contec Co., Ltd SMC-4DFM-PCIS Datasheet HTML 3Page - Contec Co., Ltd SMC-4DFM-PCIS Datasheet HTML 4Page - Contec Co., Ltd SMC-4DFM-PCIS Datasheet HTML 5Page - Contec Co., Ltd SMC-4DFM-PCIS Datasheet HTML 6Page - Contec Co., Ltd SMC-4DFM-PCIS Datasheet HTML 7Page - Contec Co., Ltd SMC-4DFM-PCIS Datasheet HTML 8Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Ver.1.00
SMC-4DFM-PCIS
5
Connection with the opto-coupler input
CW
CW+
CW-
CCW
CCW+
CCW-
Board
Driver Unit
AM26LS31 or equivalence to it
CW
CCW
GND
Connection with TTL level input
CW
CW+
CW-
CCW
CCW+
CCW-
Board
Driver Unit
AM26LS31 or equivalence to it
GND
Vcc
Vcc
CW
CCW
Vcc
Vcc
CAUTION
The pulse output part of this product outputs the voltage by
2.5V or more at the High level output, and outputs the
voltage of 0.5V or less at the Low level output. When
connecting with the photo-coupler input or the TTL level input,
please connect it after confirming the specification in the
pulse input part of the driver unit operates by the
above-mentioned voltage.
To prevent the circuit from malfunctioning due to noise, wire
it as far away from other signal lines and noise sources as
possible.
In addition, please insert a current-limiting resistor according
to the allowable current and drive current of the connected
input circuit.
To prevent the circuit from malfunctioning due to noise, wire
it as far away from other signal lines and noise sources as
possible.
Control signal/general-purpose signal output circuit
(OUT1 - OUT2, ERC, CP1, CP2 / OUT3)
Output circuit of this product for each output signal is illustrated
below.
The signal output is an open-collector output.
Therefore, a ground wire must be connected for driving.
Output circuit
(OUT1 - OUT2, ERC, CP1, CP2)
-
+
+12 - +24VDC
GND
OUT1 - OUT3
Board
Driver Unit
Output circuit
(OUT3)
-
+
+12 - +24VDC
Board
Driver Unit
Vcc
GND
SN74LS07
CAUTION
All the outputs are OFF at the time of power activation.
Encoder input circuit
Encoder input circuit on this product is illustrated below. The
signal input is a differential input capable of connecting a line
driver output, TTL level output and open-collector output.
Connection with the differential output
Board
Driver Unit
A+
A-
AM26LS32A or
equivalence to it
Phase A+
Phase A-
Vcc
B+
B-
AM26LS32A or
equivalence to it
Phase B+
Phase B-
Vcc
Z+
Z-
AM26LS32A or
equivalence to it
Phase Z+
Phase Z-
Vcc
Vcc
Vcc
Vcc
GND
GND
Connector
Shell
CAUTION
Please use the twisted-pair cable that does the shield
processing as a noise measures when connecting it with the
differential output.
Restrict the use of cables to 10m for the line driver output.
To prevent the circuit from malfunctioning due to noise, wire
it as far away from other signal lines and noise sources as
possible.
Connecting Input Signals



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com