Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2811
Description  TMS320F281x Digital Signal Processors
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811 Datasheet(HTML) 5 Page - Texas Instruments

  TMS320F2811 Datasheet HTML 1Page - Texas Instruments TMS320F2811 Datasheet HTML 2Page - Texas Instruments TMS320F2811 Datasheet HTML 3Page - Texas Instruments TMS320F2811 Datasheet HTML 4Page - Texas Instruments TMS320F2811 Datasheet HTML 5Page - Texas Instruments TMS320F2811 Datasheet HTML 6Page - Texas Instruments TMS320F2811 Datasheet HTML 7Page - Texas Instruments TMS320F2811 Datasheet HTML 8Page - Texas Instruments TMS320F2811 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 173 page
background image
5
TMS320F2810, TMS320F2811, TMS320F2812
www.ti.com
SPRS174U – APRIL 2001 – REVISED JULY 2019
Submit Documentation Feedback
Product Folder Links: TMS320F2810 TMS320F2811 TMS320F2812
Revision History
Copyright © 2001–2019, Texas Instruments Incorporated
2
Revision History
Changes from May 31, 2012 to July 12, 2019 (from T Revision (May 2012) to U Revision)
Page
•
Global: Removed ROM devices (TMS320C2810, TMS320C2811, TMS320C2812). Removed C281x/ROM data.
.... 1
•
Global: Restructured document.
.................................................................................................. 1
•
Global: Changed "Q100" to "AEC-Q100".
........................................................................................ 1
•
Section 1.1 (Features): Updated "Clock and system control" feature.
......................................................... 1
•
Section 1.1: Updated Q temperature option. Changed "[Q100 Qualification]" to "(AEC-Q100 qualification for
automotive applications)".
........................................................................................................... 1
•
Section 1.2 (Applications): Added section.
....................................................................................... 2
•
Section 1.3 (Description): Added Device Information table.
.................................................................... 2
•
Section 1.4 (Functional Block Diagram): Added section title.
.................................................................. 3
•
Figure 1-1 (Functional Block Diagram): Removed ROM. Updated footnotes.
............................................... 3
•
Section 3 (Device Comparison): Changed section title from "Device Summary" to "Device Comparison".
............. 7
•
Table 3-1 (Device Comparison): Changed table title from "Hardware Features" to "Device Comparison".
.............. 7
•
Table 3-1: Removed C2810, C2811, and C2812 data.
.......................................................................... 7
•
Table 3-1: Removed "Product Status" row and its associated footnote.
..................................................... 7
•
Section 3.1 (Related Products): Added section.
.................................................................................. 8
•
Section 4 (Terminal Configuration and Functions): Changed section title from "Introduction" to "Terminal
Configuration and Functions".
....................................................................................................... 9
•
Section 4.1 (Pin Diagrams): Changed section title from "Pin Assignments" to "Pin Diagrams".
........................... 9
•
Table 4-1 (Signal Descriptions): Updated DESCRIPTION of XRS.
.......................................................... 12
•
Table 4-1: Removed C281x/ROM data from DESCRIPTION of TEST1, TEST2, and VDD3VFL............................ 12
•
Section 5 (Specifications): Changed section title from "Electrical Specifications" to "Specifications".
.................. 21
•
Section 5.1 (Absolute Maximum Ratings): Updated "Long-term high-temperature storage ..." footnote.
............... 21
•
Section 5.2 (ESD Ratings – Commercial): Added section.
................................................................... 22
•
Section 5.3 (ESD Ratings – Automotive): Added section.
.................................................................... 22
•
Section 5.5 (Power Consumption Summary): Changed section title from "Current Consumption" to "Power
Consumption Summary".
.......................................................................................................... 24
•
Table 5-2 (Typical Current Consumption by Various Peripherals (at 150 MHz)): Added footnote about achieving
power savings.
...................................................................................................................... 26
•
Section 5.6 (Electrical Characteristics): Removed IIL for C281x devices. ................................................... 27
•
Section 5.7 (Thermal Resistance Characteristics for 179-Ball ZHH Package): Added section.
......................... 27
•
Section 5.8 (Thermal Resistance Characteristics for 179-Ball GHH): Added section.
.................................... 27
•
Section 5.9 (Thermal Resistance Characteristics for 176-Pin PGF Package): Added section.
.......................... 28
•
Section 5.10 (Thermal Resistance Characteristics for 128-Pin PBK Package): Added section.
......................... 28
•
Section 5.11 (Thermal Design Considerations): Added section.
............................................................. 28
•
Section 5.12.2 (Power Supply Sequencing): Changed section title from "Power Sequencing Requirements" to
"Power Supply Sequencing". Updated section. Removed "Recommended “Low-Dropout Regulators”" table.
Removed C281x data.
.............................................................................................................. 31
•
Section 5.12.4 (Clock Specifications): Added section title.
................................................................... 37
•
Section 5.12.5 (Peripherals): Added section title.
.............................................................................. 40
•
Figure 5-14 (General-Purpose Input Timing): Replaced "XCLKOUT" with "SYSCLK".
.................................... 42
•
Section 5.12.5.5 (Serial Peripheral Interface (SPI) Master Mode Timing): Updated section.
............................ 49
•
Section 5.12.5.6 (Serial Peripheral Interface (SPI) Slave Mode Timing): Updated section.
.............................. 51
•
Section 5.12.5.7.2 (Synchronous Mode (USEREADY = 1, READYMODE = 0)): Updated "XTIMING register
configuration restrictions" table by changing XRDACTIVE value from "
≥ 1" to "≥ 2" and XWRACTIVE value from
"
≥ 1" to "≥ 2".
......................................................................................................................... 54
•
Section 5.12.5.7.2 (Synchronous Mode (USEREADY = 1, READYMODE = 0)): Updated "Examples of valid and
invalid timing" table by changing Valid XRDACTIVE value from "1" to "2" and Valid XWRACTIVE value from "1"
to "2".
.................................................................................................................................. 54
•
Section 5.12.5.7.3 (Asynchronous Mode (USEREADY = 1, READYMODE = 1)): Updated second "XTIMING
register configuration restrictions" table by changing XRDACTIVE value from "
≥ 1" to "≥ 2" and XWRACTIVE
value from "
≥ 1" to "≥ 2".
........................................................................................................... 55
•
Section 5.12.5.7.3 (Asynchronous Mode (USEREADY = 1, READYMODE = 1)): Updated "Examples of valid
and invalid timing" table by changing Valid XRDACTIVE value from "1" to "2" and Valid XWRACTIVE value from
"1" to "2".
............................................................................................................................. 55
•
Table 5-40 (ADC Absolute Maximum Ratings Over Recommended Operating Conditions (Unless Otherwise
Noted)): Updated table.
............................................................................................................ 70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com