Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2811PBK Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS320F2811PBK
Description  TMS320F281x Digital Signal Processors
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2811PBK Datasheet(HTML) 2 Page - Texas Instruments

  TMS320F2811PBK Datasheet HTML 1Page - Texas Instruments TMS320F2811PBK Datasheet HTML 2Page - Texas Instruments TMS320F2811PBK Datasheet HTML 3Page - Texas Instruments TMS320F2811PBK Datasheet HTML 4Page - Texas Instruments TMS320F2811PBK Datasheet HTML 5Page - Texas Instruments TMS320F2811PBK Datasheet HTML 6Page - Texas Instruments TMS320F2811PBK Datasheet HTML 7Page - Texas Instruments TMS320F2811PBK Datasheet HTML 8Page - Texas Instruments TMS320F2811PBK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 173 page
background image
2
TMS320F2810, TMS320F2811, TMS320F2812
SPRS174U – APRIL 2001 – REVISED JULY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F2810 TMS320F2811 TMS320F2812
Device Overview
Copyright © 2001–2019, Texas Instruments Incorporated
• Package options
– 179-ball MicroStar BGA™ with external memory
interface (GHH, ZHH) (F2812)
– 176-pin Low-Profile Quad Flatpack (LQFP) with
external memory interface (PGF) (F2812)
– 128-pin LQFP without external memory interface
(PBK) (F2810, F2811)
• Temperature options
– A: –40°C to 85°C (GHH, ZHH, PGF, PBK)
– S: –40°C to 125°C (GHH, ZHH, PGF, PBK)
– Q: –40°C to 125°C (PGF, PBK)
(AEC-Q100 qualification for automotive
applications)
1.2
Applications
•
Advanced Driver Assistance Systems (ADAS)
•
Building automation
•
Electronic point of sale
•
Electric Vehicle/Hybrid Electric Vehicle (EV/HEV)
powertrain
•
Factory automation
•
Grid infrastructure
•
Industrial transport
•
Medical, healthcare, and fitness
•
Motor drives
•
Power delivery
•
Telecom infrastructure
•
Test and measurement
1.3
Description
The TMS320F2810, TMS320F2811, and TMS320F2812 devices, members of the TMS320C28x DSP
generation, are highly integrated, high-performance solutions for demanding control applications.
Throughout this document, TMS320F2810, TMS320F2811, and TMS320F2812 are abbreviated as F2810,
F2811, and F2812, respectively. F281x denotes all three devices.
(1)
For more information on these devices, see Mechanical, Packaging, and Orderable Information.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE
TMS320F2812ZHH
MicroStar BGA (179)
12.0 mm × 12.0 mm
TMS320F2812GHH
MicroStar BGA (179)
12.0 mm × 12.0 mm
TMS320F2812PGF
LQFP (176)
24.0 mm × 24.0 mm
TMS320F2811PBK
LQFP (128)
14.0 mm × 14.0 mm
TMS320F2810PBK
LQFP (128)
14.0 mm × 14.0 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com