Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EC200-BT Datasheet(PDF) 4 Page - DFI Inc

Part # EC200-BT
Description  Modular-Designed Embedded System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC200-BT Datasheet(HTML) 4 Page - DFI Inc

  EC200-BT Datasheet HTML 1Page - DFI Inc EC200-BT Datasheet HTML 2Page - DFI Inc EC200-BT Datasheet HTML 3Page - DFI Inc EC200-BT Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ordering Information
Optional Items
Packing List
EC200-BT
Intel® AtomTM E3800 Series
Modular-Designed Embedded System
www.dfi.com DFI reserves the right to change the specifications at any time prior to the product's release. Changes thereafter will be based on the product's revision. Please contact your sales
representative for the exact revision offered in your area. All product names mentioned are trademarks of their respective companies. © December 30, 2019 DFI Inc.
Model Name
Part Number
Description
EC200-BTA881-45 750-EC2000-F00G
Fanless, E3845, 2 LAN, 1 DVI, 1 VGA, 10 COM, 8-bit GPIO, 8 USB, RoHS
EC200-BTAG60-45 750-EC2000-G00G
Fanless, E3845, 2 LAN, 1 VGA, 10 COM, 16-bit GPIO, 6 USB, RoHS
EC200-BT6060-45 750-EC2000-H00G
Fanless, E3845, 2 LAN, 1 VGA, 6 COM, 6 USB, RoHS
Optional Items
Part Number
Description
Memory
785-RSOD34G-L
SODIMM, DDR3L Module, 4GB, RoHS
785-RSOD32G-L
SODIMM, DDR3L Module, 2GB, RoHS
HDD
785-H25500G
2.5” SATA HDD, 500GB, RoHS
785-H25320G
2.5” SATA HDD, 320GB, RoHS
785-S251TBG
2.5" SATA SSD, 1TB MLC, RoHS
785-S25512G
2.5" SATA SSD, 512GB MLC, RoHS
785-S25256G
2.5" SATA SSD, 256GB MLC, RoHS
785-S25128G
2.5" SATA SSD, 128GB MLC, RoHS
785-S25064G
2.5" SATA SSD, 64GB MLC, RoHS
785-S251TBG-W
2.5" SATA SSD, 1TB MLC, Wide Temp, RoHS
785-S25512G-W
2.5" SATA SSD, 512GB MLC, Wide Temp, RoHS
785-S25256G-W
2.5" SATA SSD, 256GB MLC, Wide Temp, RoHS
785-S25128G-W
2.5" SATA SSD, 128GB MLC, Wide Temp, RoHS
785-S25064G-W
2.5" SATA SSD, 64GB MLC, Wide Temp, RoHS
785-S25032G-W
2.5" SATA SSD, 32GB MLC, Wide Temp, RoHS
785-S25016G-W
2.5" SATA SSD, 16GB MLC, Wide Temp, RoHS
785-S25008G-W
2.5" SATA SSD, 8GB MLC, Wide Temp, RoHS
mSATA
785-MS128GMF
mSATA Card, 128GB MLC, RoHS
785-MS64GMF
mSATA Card, 64GB MLC, RoHS
785-MS32GMF
mSATA Card, 32GB MLC, RoHS
785-MS16GMF
mSATA Card, 16GB MLC, RoHS
785-MS08GMF
mSATA Card, 8GB MLC, RoHS
785-MS04GMF
mSATA Card, 4GB MLC, RoHS
Wi-Fi
761-110091-000G
Wi-Fi Kit, RoHS
Power Cord
785-PWRD
Power Cord, Standards (USA/EUR/CH), 1.8m, RoHS
Power Adapter
671-106011-000G
60W, 19V/3.15A, Level 6, RoHS
671-106013-000G
60W, 12V/5A (-30 to 70°C), Level 6, RoHS
671-110003-100G
120W, 19V/6.31A, Level 6, RoHS
Wall Mount
785-EC3WMK
Wall Mount Kit
VESA Mount
785-EC2VAK
VESA Mount Kit
• 1 EC200 system unit
• 1 HDD drive bay kit
- 2 Brackets
- 1 SATA data/power cable
- 4 Bracket screws
- 4 HDD screws
• Terminal blocks
• 1 Quick Installation Guide



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com