Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EC531-SD Datasheet(PDF) 2 Page - DFI Inc

Part # EC531-SD
Description  Modular-Designed Embedded System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

EC531-SD Datasheet(HTML) 2 Page - DFI Inc

  EC531-SD Datasheet HTML 1Page - DFI Inc EC531-SD Datasheet HTML 2Page - DFI Inc EC531-SD Datasheet HTML 3Page - DFI Inc EC531-SD Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EC531/EC532-SD
SYSTEM
Processor
6th/7th Generation Intel® Core™ Processors, LGA 1151 Socket
Intel® Core™ i7-6700TE, Quad Core, 8M Cache, 2.4GHz (3.4GHz), 35W
Intel® Core™ i5-6500TE, Quad Core, 6M Cache, 2.3GHz (3.3GHz), 35W
Intel® Core™ i3-6100TE, Dual Core, 4M Cache, 2.7GHz, 35W
Intel® Corei7-7700T, Quad Core, 8M Cache, 2.9GHz (3.8GHz), 35W
Intel® Corei5-7500T, Quad Core, 6M Cache, 2.7GHz (3.5GHz), 35W
Intel® Corei3-7101TE, Dual Core, 3M Cache, 3.4GHz, 35W
Chipset
Intel® Q170 Chipset
Intel® H110 Chipset
Memory
Two 260-pin SODIMM up to 32GB
Dual Channel DDR4 1866/2133MHz
BIOS
Insyde SPI 128Mbit
GRAPHICS
Controller
Intel® HD Gen 9 Graphics
Feature
OpenGL 5.0, DirectX 12, OpenCL 2.1
HW Decode: AVC/H.264, MPEG2, VC1/WMV9, JPEG/MJPEG, HEVC/H265, VP8, VP9
HW Encode: MPEG2, AVC/H264, JPEG, HEVC/H265, VP8, VP9
Display
1 x VGA
1 x DVI-I (DVI-D signal)/HDMI (HDMI available upon request)
1 x HDMI/DP (DP available upon request)
(only Q170 supports HDMI/DP)
VGA: resolution up to 1920x1200 @ 60Hz
DVI: resolution up to 2560x1600 @ 60Hz
HDMI:resolution up to 4096x2160@24Hzor2560x1600@60Hz
DP: resolution up to 4096x2304 @ 60Hz
Triple Displays
VGA + DVI (DVI-D signal) + HDMI
VGA + DVI (DVI-D signal) + DP
VGA + 2 HDMI
VGA + HDMI + DP
STORAGE
External
2 x 2.5" SATA 3.0 Drive Bay (Removable, support thickness 7mm HDD or SSD) (RAID 0/1)
EXPANSION
Interface
1 x PCIe x16 + 2 x PCI (EC531-SD)
2 x PCIe x16 (1 x1 and 1 x8 signal) + 1 x PCI (EC532-SD)
1 x Full-size Mini PCIe (PCIe/USB)
1 x Half-size Mini PCIe (USB/mSATA)
ETHERNET
Controller
1 x Intel® I211AT PCIe (10/100/1000Mbps)
1 x Intel® I219V with iAMT11.0 PCIe (10/100/1000Mbps) (only Core i7/i5 supports iAMT)
LED
Indicators
1 x Power LED
1 x HDD LED
REAR I/O
Ethernet
2 x GbE (RJ-45)
Serial
4 x RS-232/422/485 (DB-9) (RS-232 with power)
2 x RS-232/422/485 (DB-9)
USB
8 x USB 3.0 (type A)
Display
1 x VGA
1 x DVI-I (DVI-D signal)/HDMI (HDMI available upon request)
1 x HDMI/DP (DP available upon request)
Audio
1 x Line-out
1 x Mic-in
DIO
1 x 8-bit DIO
Buttons
1 x Power Button
1 x Reset Button
WATCHDOG TIMER Output & Interval
System Reset, Programmable via Software from 1 to 255 Seconds
POWER
Type
Wide Range 9~36V
Connector
3-pole Terminal Block
OS SUPPORT
Windows 7 (32/64-bit)
Windows 10
Windows 8.1 (64-bit)
MECHANISM
Construction
Aluminum + SGCC
Mounting
Wall Mount
Dimensions (W x H x D) 235mm x 153.8mm x 222mm (W x H x D)
Weight
4.8 kg
ENVIRONMENT
Operating Temperature 0 to 50°C (SSD or mSATA-mini, with 0.7m/s air flow)
Storage Temperature
-20 to 85°C
Relative Humidity
5 to 95% RH (non-condensing)
STANDARDS AND
CERTIFICATIONS
Shock
Half sine wave 3G, 11ms, 3 shock per axis
Vibration
IEC68-2-64
Certification
CE, FCC Class A, RoHS
Specifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com