Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADSP-SC571KSWZ-3 Datasheet(PDF) 8 Page - Analog Devices

Part # ADSP-SC571KSWZ-3
Description  SHARC Dual-Core DSP with ARM Cortex-A5
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-SC571KSWZ-3 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADSP-SC571KSWZ-3 Datasheet HTML 4Page - Analog Devices ADSP-SC571KSWZ-3 Datasheet HTML 5Page - Analog Devices ADSP-SC571KSWZ-3 Datasheet HTML 6Page - Analog Devices ADSP-SC571KSWZ-3 Datasheet HTML 7Page - Analog Devices ADSP-SC571KSWZ-3 Datasheet HTML 8Page - Analog Devices ADSP-SC571KSWZ-3 Datasheet HTML 9Page - Analog Devices ADSP-SC571KSWZ-3 Datasheet HTML 10Page - Analog Devices ADSP-SC571KSWZ-3 Datasheet HTML 11Page - Analog Devices ADSP-SC571KSWZ-3 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 142 page
background image
Rev. B
|
Page 8 of 142
|
June 2018
ADSP-SC570/SC571/SC572/SC573/ADSP-21571/21573
The system configuration is flexible, but a typical configuration
is 512 Kb DM, 128 Kb PM, and 128 Kb of instruction cache,
with the remaining L1 memory configured as SRAM. Each
addressable memory space outside the L1 memory can be
accessed either directly or via cache.
The memory map in Table 4 gives the L1 memory address space
and shows multiple L1 memory blocks offering a configurable
mix of SRAM and cache.
L1 Master and Slave Ports
Each SHARC+ core has two master ports and two slave ports to
and from the system fabric. One master port fetches instruc-
tions. The second master port drives data to the system world.
Slave port 1 together with slave port 2 (MDMA) run conflict
free access to the individual memory blocks. For the slave port
address, refer to the L1 memory address map in Table 4.
L1 On-Chip Memory Bandwidth
The internal memory architecture allows programs to have four
accesses at the same time to any of the four blocks, assuming no
block conflicts. The total bandwidth is realized using both the
DMD and PMD buses (2 × 64-bits CCLK speed and 2 × 32-bit
SYSCLK speed).
Instruction and Data Cache
The ADSP-SC57x/ADSP-2157x processors also include a
traditional instruction cache (I-cache) and two data caches
(D-cache) (PM/DM caches) with parity support for all caches.
These caches support one instruction access and two data
accesses over the DM and PM buses, per CCLK cycle. The cache
controllers automatically manage the configured L1 memory.
The system can configure part of the L1 memory for automatic
management by the cache controllers. The sizes of these caches
are independently configurable from 0 kB to a maximum of
128 kB each. The memory not managed by the cache controllers
is directly addressable by the processors. The controllers ensure
the data coherence between the two data caches. The caches
provide user-controllable features such as full and partial lock-
ing, range bound invalidation, and flushing.
System Event Controller (SEC) Input
The output of the system event controller (SEC) controller is
forwarded to the core event controller (CEC) to respond
directly to all unmasked system-based interrupts. The SEC also
supports nesting including various SEC interrupt channel arbi-
tration options. The processor automatically stacks the
arithmetic status (ASTATx and ASTATy) registers and mode
(MODE1) register in parallel with the interrupt servicing for all
SEC channels.
Core Memory-Mapped Registers (CMMR)
The core memory-mapped registers (CMMR) control the L1
instruction and data cache, BTB, L2 cache, parity error, system
control, debug, and monitor functions.
SHARC+ CORE ARCHITECTURE
The ADSP-SC57x/ADSP-2157x processors are code compatible
at the assembly level with the ADSP-2148x, ADSP-2147x,
ADSP-2146x, ADSP-2137x, ADSP-2136x, ADSP-2126x,
ADSP-2116x, and with the first-generation ADSP-2106x
SHARC processors.
The ADSP-SC57x/ADSP-2157x processors share architectural
features with the ADSP-2126x, ADSP-2136x, ADSP-2137x,
ADSP-214xx, and ADSP-2116x SIMD SHARC processors,
shown in Figure 4 and detailed in the following sections.
Figure 5. ADSP-SC57x/ADSP-2157x Memory Map
0x FFFF FFFF
0x C000 0000
0x 8000 0000
0x 6000 0000
0x 5000 0000
0x 4C00 0000
0x 4800 0000
0x 4400 0000
0x 4000 0000
0x 3000 0000
0x 28B8 FFFF
0x 28A4 0000
0x 2838 FFFF
0x 2824 0000
0x 202B FFFF
0x 201B FFFF
0x 2028 0000
0x 2011 7FFF
0x 2824 0000
0x 2018 0000
0x 2010 FFFF
0x 2010 8000
0x 2011 8000
0x 2011 0000
0x 2010 0000
DMC0 (1GB)
SPI2 FLASH (512MB)
SYSTEM MMR
RESERVED
SHARC2 L1 MULTI-MEMORY SPACE
RESERVED
SHARC1 L1 MULTI-MEMORY SPACE
RESERVED
RESERVED
L2 BOOT ROM 2 (0.25Mb)
(SHARC® CORES)
L2 SRAM (8Mb)
L2 BOOT ROM 0 (0.25Mb)
(ARM® CORE 0)
L2 BOOT ROM 1 (0.25Mb)
(SHARC® CORES)
0x 2000 0000
0x 0038 FFFF
0x 0038 0000
0x 0030 FFFF
0x 0030 0000
0x 002D FFFF
0x 002C 0000
0x 0025 FFFF
0x 0024 0000
0x 0000 0000
RESERVED
L1 BLOCK 3 SRAM (0.5Mb)
RESERVED
RESERVED
RESERVED
L1 BLOCK 2 SRAM (0.5Mb)
L1 BLOCK 1 SRAM (1Mb)
L1 BLOCK 0 SRAM (1Mb)
RESERVED/CORE MMRs/
OTHER MEMORY ALIASES
RESERVED
ARM® L2 CONFIG REGS (4KB)
RESERVED
ARM® BOOT (32KB)
0x 2000 0000
0x 1000 1000
0x 1000 0000
0x 0000 7FFF
0x 0000 0000
UNIFIED
BYTE ADDRESS
SPACE
RESERVED
RESERVED
0x 2010 8000
L2 BOOT ROM 1 (0.25Mb)
(SHARC® CORES)
L2 BOOT ROM 2 (0.25Mb)
(SHARC® CORES)
RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com