Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCF8545ATT Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PCF8545ATT
Description  Automotive 80 횞 4 LCD driver for low multiplex rates
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 27Page - NXP Semiconductors PCF8545ATT Datasheet HTML 28Page - NXP Semiconductors PCF8545ATT Datasheet HTML 29Page - NXP Semiconductors PCF8545ATT Datasheet HTML 30Page - NXP Semiconductors PCF8545ATT Datasheet HTML 31Page - NXP Semiconductors PCF8545ATT Datasheet HTML 32Page - NXP Semiconductors PCF8545ATT Datasheet HTML 33Page - NXP Semiconductors PCF8545ATT Datasheet HTML 34Page - NXP Semiconductors PCF8545ATT Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
PCA85233
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 5 — 12 November 2018
31 of 54
NXP Semiconductors
PCA85233
Automotive 80 × 4 LCD driver for low multiplex rates
12. Static characteristics
Table 20.
Static characteristics
VDD = 1.8 V to 5.5 V; VSS = 0 V; VLCD = 2.5 V to 8.0 V; Tamb = 40 C to +105 C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
VLCD  6.5 V
1.8
-
5.5
V
VLCD > 6.5 V
2.5
-
5.5
V
VLCD
LCD supply voltage
VDD < 2.5 V
2.5
-
6.5
V
VDD  2.5 V
2.5
-
8.0
V
IDD
supply current
fclk(ext) = 1536 Hz;
VDD =5.5 V; see Figure 21
[1] -3
6
A
IDD(LCD)
LCD supply current
fclk(ext) = 1536 Hz;
VDD =5.5 V;VLCD =8.0 V;
see Figure 21
[1] -22
45
A
Logic
VI
input voltage
VSS  0.5
-
VDD + 0.5
V
VIH
HIGH-level input voltage
on pins CLK, SYNC, OSC,
A0, A1, T1, SA0, FF
0.7VDD
-VDD
V
VIL
LOW-level input voltage
on pins CLK, SYNC, OSC,
A0, A1, T1, SA0, FF
VSS
-0.3VDD
V
VOH
HIGH-level output voltage
0.8VDD
--
V
VOL
LOW-level output voltage
-
-
0.2VDD
V
IOH
HIGH-level output current
output source current;
on pin CLK;
VOH =4.6 V; VDD =5V
1-
-
mA
IOL
LOW-level output current
output sink current;
on pin CLK, SYNC;
VOL = 0.4 V; VDD =5V
1-
-
mA
IL
leakage current
on pins OSC, CLK, SCL,
SDA, A0, A1, T1, SA0, FF;
VI =VDD or VSS
1-
+1
A
CI
input capacitance
[3] --
7
pF
I2C-bus[2]
Input on pins SDA and SCL
VI
input voltage
VSS  0.5
-
5.5
V
VIH
HIGH-level input voltage
0.7VDD
-5.5
V
VIL
LOW-level input voltage
VSS
-0.3VDD
V
CI
input capacitance
[3] --
7
pF
IOL(SDA)
LOW-level output current
on pin SDA
output sink current;
VOL = 0.4 V; VDD = 5 V
3-
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com