Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IDQ48010A480V-002-R Datasheet(PDF) 2 Page - TDK Electronics

Part # IDQ48010A480V-002-R
Description  10A, 75VDC EMI Filters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

IDQ48010A480V-002-R Datasheet(HTML) 2 Page - TDK Electronics

  IDQ48010A480V-002-R Datasheet HTML 1Page - TDK Electronics IDQ48010A480V-002-R Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Revision P1.4: Sept 2019
iDQ Series
Outline Drawing
Circuit
Derating
Attenuation Characteristics
Surface
Through Hole
Pin 6
Model
Mount
Mount Pins
Populated*
iDQ48010A480V-001-R (2)
X
X
iDQ48010A480V-002-R
0.145”
iDQ48010A480V-003-R (2)
0.145”
X
Model Selector
* Additional capacitance can be placed between pin 3 and pin 6, and also between pin 4 and pin 3 to increase the common mode noise attenuation.
2) Contact factory for status
For Additional Information, please visit
https://product.tdk.com/info/en/products/power/index.html



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com