Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IDQ48010A480V-003-R Datasheet(PDF) 1 Page - TDK Electronics

Part # IDQ48010A480V-003-R
Description  10A, 75VDC EMI Filters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

IDQ48010A480V-003-R Datasheet(HTML) 1 Page - TDK Electronics

  IDQ48010A480V-003-R Datasheet HTML 1Page - TDK Electronics IDQ48010A480V-003-R Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
iDQ Series
Features
Exceptional Differential Mode Performance
Very Compact Size
Minimal External Components Required*
10A, 75VDC EMI Filters
Model
iDQ48010A480V
Rated Voltage
VDC
75VDC (100VDC for 100ms)
Rated Current
A
10A
Withstand Voltage
VDC
Terminals to Ground: 1500VDC
Leakage Current
mA
Not Applicable
DC Resistance
mΩ
Positive leg: 11.5, Negative leg: 6.5
Operating Temperature (1)
°C
-40 to +120 (see derating curve and measurement point)
Storage Temperature
°C
-55 to +125
Safety Agency Certification
-
TBA
Size (LxWxH)
mm
50 x 15 x 10.8mm
Weight (Typ)
g
11.3
Warranty
yrs
3
Specifications
Key Market Segments & Applications
Notes:
1) See full specification on website


Similar Part No. - IDQ48010A480V-003-R

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
IDQ TDK-IDQ Datasheet
1Mb / 6P
300W, 9 to 53V Input Non-Isolated Ruggedized DC-DC Buck-Boost Converters
March 2nd, 2023 V2
logo
Integrated Device Techn...
IDQS34X245 IDT-IDQS34X245 Datasheet
53Kb / 5P
QUICKSWITCH-R PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH-TM BUS SWITCHES
IDQS34X245Q3 IDT-IDQS34X245Q3 Datasheet
53Kb / 5P
QUICKSWITCH-R PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH-TM BUS SWITCHES
IDQS34X245Q3G IDT-IDQS34X245Q3G Datasheet
53Kb / 5P
QUICKSWITCH-R PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH-TM BUS SWITCHES
More results

Similar Description - IDQ48010A480V-003-R

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
M2022 COILCRAFT-M2022 Datasheet
223Kb / 2P
Common Mode EMI Filters
logo
Panasonic Semiconductor
EXCCET220U PANASONIC-EXCCET220U Datasheet
199Kb / 4P
Chip EMI Filters
ELKEA100FA PANASONIC-ELKEA100FA Datasheet
178Kb / 6P
Coil type EMI Filters
ELK-E103FA PANASONIC-ELK-E103FA Datasheet
141Kb / 6P
Coil type EMI Filters
logo
Murata Manufacturing Co...
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
EMI Suppression Filters
logo
Lineage Power Corporati...
KSTW010A0F LINEAGEPOWER-KSTW010A0F Datasheet
1Mb / 16P
36-75Vdc Input; 3.3Vdc, 10A Output
logo
Panasonic Semiconductor
EXC-CET220U PANASONIC-EXC-CET220U Datasheet
99Kb / 3P
Chip EMI Filters
ELK-EA101FA PANASONIC-ELK-EA101FA Datasheet
141Kb / 6P
Coil type EMI Filters (Digital Noise Filters)
logo
Murata Manufacturing Co...
C30E MURATA-C30E Datasheet
1Mb / 35P
EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
EMI Suppression Filters
10/18/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com