Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPC170P-SDAC-2PCI Datasheet(PDF) 2 Page - DFI Inc

Part # TPC170P-SDAC-2PCI
Description  15 Heavy Industrial Touch Panel PC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFI [DFI Inc]
Direct Link  https://www.dfi.com/
Logo DFI - DFI Inc

TPC170P-SDAC-2PCI Datasheet(HTML) 2 Page - DFI Inc

  TPC170P-SDAC-2PCI Datasheet HTML 1Page - DFI Inc TPC170P-SDAC-2PCI Datasheet HTML 2Page - DFI Inc TPC170P-SDAC-2PCI Datasheet HTML 3Page - DFI Inc TPC170P-SDAC-2PCI Datasheet HTML 4Page - DFI Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TPC170-SD
Specifications
SYSTEM
Processor
7th Generation Intel® Core™ Processors, LGA 1151 Socket
Intel® Core™ i7-7700 Processor, Quad Core, 8M Cache, 3.6GHz (4.2GHz), 65W
Intel® Core™ i5-7500 Processor, Quad Core, 6M Cache, 3.4GHz (3.8GHz), 65W
Intel® Core™ i3-7101E Processor, Dual Core, 3M Cache, 3.9GHz , 65W
6th Generation Intel® Core™ Processors, LGA 1151 Socket
Intel® Core™ i7-6700, Quad Core, 8M Cache, 3.4GHz (4.0GHz), 65W
Intel® Core™ i5-6500, Quad Core, 6M Cache, 3.2GHz (3.6GHz), 65W
Intel® Pentium® G4400, Dual Core, 3M Cache, 3.3GHz, 47W
Intel® Celeron® Processor G3900, Dual Core, 2M Cache, 2.8GHz, 65W
Memory
Two 260-pin SODIMM up to 32GB
Dual Channel DDR4 1866/2133MHz
DISPLAY AND
TOUCH SCREEN
Display
17" 1280x1024 TFT LCD Panel with Projected Capacitive Touch and Resistive Touch Screen
Brightness
350 cd/m²
View Angle
170 (H) / 160 (V)
Backlight Lifetime
30,000 MTBF LED Backlight
STORAGE
2 x 2.5" SATA 2.0 Drive Bay
EXPANSION
Interface
1 x Full-size mSATA (PCIe/USB)
2 x PCIe x8 or 2 x PCI + 1 x Mini PCIe
ETHERNET
Controller
1 x Intel® I211AT PCIe (10/100/1000Mbps)
1 x Intel® I219V PCIe (10/100/1000Mbps)
Rear I/O
Ethernet
2 x GbE (RJ-45)
Serial
1 x RS-232 (DB-9)
1 x RS-232 (DB-9) (available upon request)
1 x RS-232/422/485 (available upon request)
USB
4 x USB 3.0
2 x USB 2.0
PS/2
1 x PS/2 (mini-DIN-6)
Display
1 x VGA
1 x DVI-I (DVI-D signal)
1 x DP++
Audio
1 x Line-out (available upon request)
Front I/O
USB
1 x USB 2.0
POWER
Type
100-240VAC
Connector
C14 Connector
Consumption
TBD
OS SUPPORT
Windows 7 (/WES7) 32/64-bit
Windows 10 IoT Enterprise 64-bit
Linux
MECHANISM
Construction
Sheet Metal
IP Rating
IP65 front bezel
Mounting
Panel/VESA (75x75/100x100) Mount
Dimensions (W x H x D) 404 x 363.8 x 98.9 mm
Weight
TBD
ENVIRONMENT
Operating Temperature 0 to 50°C
Storage Temperature
-30 to 70°C
Relative Humidity
10% to 90% @ 40°C (non-condensing)
STANDARDS AND
CERTIFICATIONS
Certifications
CE, FCC Class A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com