Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UDMII-PLUS-LP-180D Datasheet(PDF) 3 Page - Apacer Technology Inc.

Part # UDMII-PLUS-LP-180D
Description  USB-Disk Module (UDM) II Plus
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

UDMII-PLUS-LP-180D Datasheet(HTML) 3 Page - Apacer Technology Inc.

  UDMII-PLUS-LP-180D Datasheet HTML 1Page - Apacer Technology Inc. UDMII-PLUS-LP-180D Datasheet HTML 2Page - Apacer Technology Inc. UDMII-PLUS-LP-180D Datasheet HTML 3Page - Apacer Technology Inc. UDMII-PLUS-LP-180D Datasheet HTML 4Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
Model
UDMII Plus LP 180D (Type D) (H)
Interface
USB 2.0
Connector
10 pin USB (2x5) female header in 2.54mm
Form Factor
USB Disk Module
Transfer Mode
─
NAND Flash Type
SLC
Capacity
256MB~32G
Sustained Read Performance (MB/sec)
Up to 34
Sustained Write Performance (MB/sec)
Up to 22
ECC Engine
Built-in 24-bit per 1K bytes BCH ECC
Standard Operating Temperature ( °C )
0 ~ + 70
Extended Operating Temperature ( °C )
-40 ~ + 85
Storage Temperature ( °C )
-40 ~ + 100
H/W Write Protect
Optional
Shock
Half sine wave 50G, 6 axes, 18 times
(IEC 68-2-27, non-operating)
Vibration
Sine wave 10 Hz to 500 Hz, 50 m/s2 , 3 axes
(IEC 68-2-6, non-operating)
Operating Voltage
5 V ± 5%
Power Consumption
Active mode: 181 mA & Idle mode: 68 mA
Dimension (L x W x H )
Without Housing: 33.65 x 24.00 x 7.00 (mm)
With Housing: 35.70 x 28.10 x 7.20 (mm)
MTBF (hours)
>2,000,000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com