| Electronic Components Datasheet Search |
|
DM74LS564N Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM74LS564N Datasheet(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 4 page ![]() TLF10191 February 1992 DM74LS564 Octal D-Type Flip-Flop with TRI-STATE Outputs General Description The ’LS564 is a high speed low power octal flip-flop with a buffered common Clock (CP) and a buffered common Out- put Enable (OE) The information presented to the D inputs is stored in the flip-flops on the LOW-to-HIGH Clock (CP) transition This device is functionally identical to the ’LS574 but has inverted outputs For complete discussions of operations truth tables AC and DC electrical specifications refer to the ’LS374 data sheet Features Y Inputs and outputs on opposite sides of package allow- ing easy interface with microprocessors Y Useful as input or output port for microprocessors Y Functionally identical to ’LS574 Y Input clamp diodes limit high speed termination effects Y Fully TTL and CMOS compatible Connection Diagram Dual-In-Line Package TLF10191 – 1 Order Number DM74LS564WM or DM74LS564N See NS Package Number M20B or N20A Logic Symbol TLF10191 – 2 VCC e Pin 20 GND e Pin 10 Pin Names Description D0 – D7 Data Inputs CP Clock Pulse Input (Active Rising Edge) OE TRI-STATE Output Enable Input (Active LOW) O0–O7 TRI-STATE Outputs TRI-STATE is a registered trademark of National Semiconductor Corporation C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Similar Part No. - DM74LS564N |
|
Similar Description - DM74LS564N |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |