Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC8412LP2FETR Datasheet(PDF) 8 Page - Analog Devices

Part # HMC8412LP2FETR
Description  Low Noise Amplifier, 0.4 GHz to 11 GHz
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8412LP2FETR Datasheet(HTML) 8 Page - Analog Devices

Back Button HMC8412LP2FETR Datasheet HTML 4Page - Analog Devices HMC8412LP2FETR Datasheet HTML 5Page - Analog Devices HMC8412LP2FETR Datasheet HTML 6Page - Analog Devices HMC8412LP2FETR Datasheet HTML 7Page - Analog Devices HMC8412LP2FETR Datasheet HTML 8Page - Analog Devices HMC8412LP2FETR Datasheet HTML 9Page - Analog Devices HMC8412LP2FETR Datasheet HTML 10Page - Analog Devices HMC8412LP2FETR Datasheet HTML 11Page - Analog Devices HMC8412LP2FETR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
HMC8412
Data Sheet
Rev. 0 | Page 8 of 18
0
–20
–15
–10
–5
FREQUENCY (GHz)
1
13
2
3
4
5
6
7
8
9
10
11
12
+85°C
+25°C
–40°C
Figure 13. Input Return Loss vs. Frequency for Various Temperatures,
1 GHz to 13 GHz, VDD = 5 V, IDQ = 60 mA, RBIAS = 1.47 kΩ
0
–20
–15
–10
–5
0
13
FREQUENCY (GHz)
1
2
3
4
5
6
7
8
9
10
11
12
2.1k
Ω, 50mA
1.47k
Ω, 60mA
1k
Ω, 70mA
670Ω, 80mA
14k
Ω, 20mA
5.9k
Ω, 30mA
3.3k
Ω, 40mA
Figure 14. Input Return Loss vs. Frequency for Various RBIAS Values and IDQ,
300 MHz to 13 GHz, VDD = 5 V
0
–20
–15
–10
–5
FREQUENCY (GHz)
+85°C
+25°C
–40°C
1
13
2
3
4
5
6
7
8
9
10
11
12
Figure 15. Output Return Loss vs. Frequency for Various Temperatures,
1 GHz to 13 GHz, VDD = 5 V, IDQ = 60 mA, RBIAS = 1.47 kΩ
0
–20
–15
–10
–5
0
13
FREQUENCY (GHz)
1
2
3
4
5
6
7
8
9
10
11
12
2V, 30mA
3V, 40mA
4V, 50mA
5V, 60mA
6V, 75mA
Figure 16. Input Return Loss vs. Frequency for Various VDD and IDQ Values,
300 MHz to 13 GHz, RBIAS = 1.47 kΩ
0
–20
–15
–10
–5
+85°C
+25°C
–40°C
300
1000
FREQUENCY (MHz)
400
500
600
700
800
900
Figure 17. Output Return Loss vs. Frequency for Various Temperatures,
300 MHz to 1 GHz, RBIAS = 1.47 kΩ
0
–20
–15
–10
–5
0
13
FREQUENCY (GHz)
1
2
3
4
5
6
7
8
9
10
11
12
2V, 30mA
3V, 40mA
4V, 50mA
5V, 60mA
6V, 75mA
Figure 18. Output Return Loss vs. Frequency for Various VDD and IDQ Values,
300 MHz to 13 GHz, RBIAS = 1.47 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com