Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFN4946WS8RG Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # AFN4946WS8RG
Description  Dual N-Channel 60 V (D-S) 175 째C MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

AFN4946WS8RG Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  AFN4946WS8RG Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd AFN4946WS8RG Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd AFN4946WS8RG Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd AFN4946WS8RG Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd AFN4946WS8RG Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd AFN4946WS8RG Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd AFN4946WS8RG Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd AFN4946WS8RG Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd AFN4946WS8RG Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
On-Resistance vs. Junction Temperature
Source Drain Diode Forward Voltage
Drain Source Breakdown vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Threshold Voltage
0.5
0.8
1.1
1.4
1.7
2.0
- 50
- 25
0
25
50
75
100
125
150
175
ID =5.3 A
VGS =10V
VGS =4.5 V
T
J - Junction Temperature (°C)
TJ = 25 °C
TJ = 150 °C
0
0.2
0.4
0.6
0.8
1.0
1.2
1
0.01
0.001
0.1
10
100
V
SD - Source-to-Drain Voltage (V)
60
63
66
69
72
75
- 50
- 25
0
25
50
75
100
125
150
175
ID =1mA
T
J - Junction Temperature (°C)
0
0.05
0.10
0.15
0.20
0.25
02
4
6
8
10
TJ =25 °C
TJ = 150 °C
V
GS - Gate-to-Source Voltage (V)
-1.2
-0.9
-0.6
-0.3
0
0.3
0.6
-50
-25
0
25
50
75
100
125
150
175
ID =5mA
ID = 250 μA
T
J - Temperature (°C)
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
AFN4946WS8RG
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com