Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MKP385E24740API2W0 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # MKP385E24740API2W0
Description  THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP385E24740API2W0 Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button MKP385E24740API2W0 Datasheet HTML 3Page - Vishay Siliconix MKP385E24740API2W0 Datasheet HTML 4Page - Vishay Siliconix MKP385E24740API2W0 Datasheet HTML 5Page - Vishay Siliconix MKP385E24740API2W0 Datasheet HTML 6Page - Vishay Siliconix MKP385E24740API2W0 Datasheet HTML 7Page - Vishay Siliconix MKP385E24740API2W0 Datasheet HTML 8Page - Vishay Siliconix MKP385E24740API2W0 Datasheet HTML 9Page - Vishay Siliconix MKP385E24740API2W0 Datasheet HTML 10Page - Vishay Siliconix MKP385E24740API2W0 Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
MKP385e
www.vishay.com
Vishay BCcomponents
Revision: 28-May-2019
7
Document Number: 28255
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
1000
URAC = 350 V, Up-p = 1000 V, C-TOL. = ± 10 %
0.018
7.0 x 13.5 x 17.5
15
-
590
10.6
1.1
-
175
-
30
-
31810KF[1]2[2]0
0.022
13.0
1.2
-
143
-
30
-
32210KF[1]2[2]0
0.027
15.9
1.3
-
117
-
30
-
32710KF[1]2[2]0
0.033
8.5 x 15.0 x 17.5
19.5
1.6
-
95
-
30
-
33310KF[1]2[2]0
0.039
23.0
1.7
-
81
-
30
-
33910KF[1]2[2]0
0.047
27.7
1.9
-
67
-
30
-
34710KF[1]2[2]0
0.056
10.0 x 16.5 x 17.5
33.0
2.1
-
66
-
35
-
35610KF[1]2[2]0
0.068
40.1
2.3
-
54
-
35
-
36810KF[1]2[2]0
0.082
10.5 x 17.5 x 18.0
48.4
2.3
-
58
-
45
-
38210KF[1]2[2]0
0.056
7.0 x 16.5 x 26.0
22.5
-
530
29.7
2.0
-
66
-
35
-
35610KI[1]2[2]0
0.068
8.5 x 18.0 x 26.0
36.0
2.4
-
54
-
35
-
36810KI[1]2[2]0
0.082
43.5
2.3
-
58
-
45
-
38210KI[1]2[2]0
0.10
10.0 x 19.5 x 26.0
53.0
2.7
-
47
-
45
-
41010KI[1]2[2]0
0.12
63.6
3.0
-
39
-
45
-
41210KI[1]2[2]0
0.15
12.0 x 22.0 x 26.0
79.5
3.6
-
32
-
45
-
41510KI[1]2[2]0
0.18
95.4
4.0
-
26
-
45
-
41810KI[1]2[2]0
0.22
116.6
3.4
-
36
-
75
-
42210KI[1]2[2]0
0.10
9.0 x 19.0 x 31.0
27.5
-
330
33.0
2.6
-
47
-
45
-
41010KK[1]2[2]0
0.12
39.6
2.8
-
39
-
45
-
41210KK[1]2[2]0
0.15
11.0 x 21.0 x 31.0
49.5
3.4
-
32
-
45
-
41510KK[1]2[2]0
0.18
59.4
3.7
-
26
-
45
-
41810KK[1]2[2]0
0.22
72.6
3.2
-
36
-
75
-
42210KK[1]2[2]0
0.27
13.0 x 23.0 x 31.0
89.1
3.8
-
29
-
75
-
42710KK[1]2[2]0
0.33
108.9
4.2
-
24
-
75
-
43310KK[1]2[2]0
0.39
15.0 x 25.0 x 31.0
128.7
4.9
-
20
-
75
-
43910KK[1]2[2]0
0.47
155.1
5.4
-
17
-
75
-
44710KK[1]2[2]0
0.56
18.0 x 28.0 x 31.0
184.8
5.6
-
19
-
100
-
45610KK[1]2[2]0
0.68
21.0 x 31.0 x 31.0
224.4
5.1
-
15
-
100
-
46810KK[1]2[2]0
0.82
270.6
5.3
-
14
-
110
-
48210KK[1]2[2]0
1.0
15.7 x 28.5 x 41.5
37.5
-
180
180.0
9.6
-
7
-
60
-
51010KP[1]2T0
1.2
18 x 32.5 x 41.5
216.0
10.9
-
7
-
65
-
51210KP[1]2T0
1.5
18.5 x 35.5 x 43
10.2
270.0
12.2
12.8
6
6
75
70
51510KP[1]4T0
1.8
21.5 x 38.5 x 43
324.0
13.5
14.2
6
6
80
75
51810KP[1]4T0
2.2
24 x 44 x 42
396.0
15.1
15.8
5
5
90
85
52210KP[1]4T0
2.7
486.0
15.6
16.4
5
5
105
95
52710KP[1]4T0
3.3
30 x 45 x 42
20.3
594.0
17.1
18.0
5
5
120
110
53310KP[1]5T0
ELECTRICAL DATA AND ORDERING CODE
URDC
(V)
CAP.
(μF)
DIMENSION
w x h x l
(mm)
P1
(mm)
P2
(mm)
du/dt
(V/μs)R
IPEAK
(A)
IRMS (1)
(A)
ESR (2)
(m
)
tan
(3)
(10-4)
ORDERING CODE (4)
MKP385e....
2
PINS
4
PINS
2
PINS
4
PINS
2
PINS
4
PINS
Notes
(1) IRMS at 85 °C ambient temperature and 100 kHz
(2) ESR at 85 °C and 100 kHz
(3) Maximum tan
 value at 100 kHz
(4) Please replace “[1]” by the lead length code and the “[2]” by the packaging type in accordance with section “Composition of Catalog
Number”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com