Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MKP385E44763API2W0 Datasheet(PDF) 22 Page - Vishay Siliconix

Part # MKP385E44763API2W0
Description  THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP385E44763API2W0 Datasheet(HTML) 22 Page - Vishay Siliconix

Back Button MKP385E44763API2W0 Datasheet HTML 18Page - Vishay Siliconix MKP385E44763API2W0 Datasheet HTML 19Page - Vishay Siliconix MKP385E44763API2W0 Datasheet HTML 20Page - Vishay Siliconix MKP385E44763API2W0 Datasheet HTML 21Page - Vishay Siliconix MKP385E44763API2W0 Datasheet HTML 22Page - Vishay Siliconix MKP385E44763API2W0 Datasheet HTML 23Page - Vishay Siliconix MKP385E44763API2W0 Datasheet HTML 24Page - Vishay Siliconix MKP385E44763API2W0 Datasheet HTML 25Page - Vishay Siliconix MKP385E44763API2W0 Datasheet HTML 26Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
MKP385e
www.vishay.com
Vishay BCcomponents
Revision: 28-May-2019
22
Document Number: 28255
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
INSPECTION REQUIREMENTS
General Notes
Sub-clause numbers of tests and performance requirements refer to the “Sectional Specification, Specific Reference Data”.
IEC 60384-17 - FIXED METALLIZED POLYPROPYLENE FILM DIELECTRIC AC AND PULSE
CAPACITORS
SUB-CLAUSE NUMBER AND TEST
CONDITIONS
PERFORMANCE REQUIREMENTS
SUB-GROUP C1A PART OF SAMPLE OF
SUB-GROUP C1
4.1
Dimensions (detail)
As specified in Chapters “General data” of
this specification
4.3.1 Initial measurements
Capacitance
Tangent of loss angle:
C ≤ 1 μF at 100 kHz
1 μF < C ≤ 10 μF at 10 kHz
4.3
Robustness of terminations
Tensile: load 10 N; 10 s
Bending: load 5 N; 4 x 90°
No visible damage
4.4
Resistance to soldering heat
Method: 1 A
Solder bath: 280 °C ± 5 °C
Duration: 10 s
4.14 Component solvent resistance
Isopropylalcohol at room temperature
Method: 2
Immersion time: 5 min ± 0.5 min
Recovery time:
min. 1 h, max. 2 h
4.4.2 Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
l
C/Cl  1 % of the value measured initially.
Tangent of loss angle
Increase of tan
:
 0.0005 for: C  100 nF at 100 kHz
 0.0010 for: 100 nF < C  470 nF at 100 kHz
 0.0015 for: 470 nF < C  1 μF at 100 kHz
 0.0015 for: 1 μF < C  10 μF at 10 kHz
Compared to values measured in 4.3.1
SUB-GROUP C1B OTHER PART OF SAMPLE
OF SUB-GROUP C1
4.6.1 Initial measurements
Capacitance
Tangent of loss angle:
C
 1 μF at 100 kHz
1 μF < C
 10 μF at 10 kHz
4.15 Solvent resistance of the marking
Isopropylalcohol at room temperature
Method: 1
Rubbing material: cotton wool
Immersion time: 5 min ± 0.5 min
No visible damage
Legible marking
4.6
Rapid change of temperature
A = -40 °C
B = +105 °C
5 cycles
Duration t = 30 min
Visual examination
No visible damage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com