Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LC723341E Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC723341E
Description  LC723341E
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC723341E Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC723341E Datasheet HTML 1Page - Sanyo Semicon Device LC723341E Datasheet HTML 2Page - Sanyo Semicon Device LC723341E Datasheet HTML 3Page - Sanyo Semicon Device LC723341E Datasheet HTML 4Page - Sanyo Semicon Device LC723341E Datasheet HTML 5Page - Sanyo Semicon Device LC723341E Datasheet HTML 6Page - Sanyo Semicon Device LC723341E Datasheet HTML 7Page - Sanyo Semicon Device LC723341E Datasheet HTML 8Page - Sanyo Semicon Device LC723341E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LC723341E
No.8013-2/11
絶対最大定格/Ta=25℃,VSS=0V
項目
記号
条件
定格値
unit
最大電源電圧
VDD max
−0.3∼+6.5
V
入力電圧
VIN
全入力端子
−0.3∼VDD∼+0.3
V
VOUT1
PE2,PL0∼3
−0.3∼+15
V
出力電圧
VOUT2
VOUT1以外の全出力端子
−0.3∼VDD+0.3
V
IOUT1
PC,PD,PE3,PG,PH,PK,EO
0∼3
mA
IOUT2
PB
0∼1
mA
IOUT3
PE2,PL0∼3
0∼2
mA
IOUT4
S1∼S20
0∼1
µA
出力電流
IOUT5
COM1∼COM4
3
mA
許容消費電力
Pd max
Ta=−20∼+70℃
300
mW
動作周囲温度
Topr
−20∼+70
℃
保存周囲温度
Tstg
−45∼+125
℃
許容動作範囲/Ta=−20∼+70℃,VDD=2.6∼5.5V
項目
記号
端子名
min
typ
max
unit
VDD1
PLL動作電圧
4.5
5.5
VDD2
メモリ保持電圧
0.9
5.5
電源電圧
VDD3
CPU動作電圧
2.6
5.5
V
VIH1
VIH2,VIH3,AMIN,FMIN,HCTR,XIN
以外の入力ポート
0.7VDD
VDD
V
VIH2
BRES
0.8VDD
VDD
V
入力「H」レベル電圧
VIH3
PFポート
0.6VDD
VDD
V
VIL1
VIL2,VIL3,AMIN,FMIN,HCTR,XIN
以外の入力ポート
0
0.3VDD
V
VIL2
BRES
0
0.2VDD
V
入力「L」レベル電圧
VIL3
PFポート
0
0.2VDD
V
VIN1
XIN
0.5
1.5
Vrms
VIN2
FMIN,AMIN
0.035
0.35
Vrms
VIN3
FMIN
0.05
0.35
Vrms
入力振幅
VIN4
HCTR
0.035
0.35
Vrms
入力電圧範囲
VIN6
ADI0,ADI1,ADI2,ADI3
0
VDD
V
FIN1
XIN
4.0
4.5
5.0
MHz
FIN2
FMIN:VIN2,VDD1
10
130
MHz
FIN3
FMIN:VIN3,VDD1
130
250
MHz
FIN4
AMIN(H):VIN2,VDD1
2
40
MHz
FIN5
AMIN(L):VIN2,VDD1
0.5
10
MHz
入力周波数
FIN6
HCTR:VIN4,VDD1
0.4
15
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com