Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MKP385E44785API2W0 Datasheet(PDF) 11 Page - Vishay Siliconix

Part # MKP385E44785API2W0
Description  THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP385E44785API2W0 Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button MKP385E44785API2W0 Datasheet HTML 7Page - Vishay Siliconix MKP385E44785API2W0 Datasheet HTML 8Page - Vishay Siliconix MKP385E44785API2W0 Datasheet HTML 9Page - Vishay Siliconix MKP385E44785API2W0 Datasheet HTML 10Page - Vishay Siliconix MKP385E44785API2W0 Datasheet HTML 11Page - Vishay Siliconix MKP385E44785API2W0 Datasheet HTML 12Page - Vishay Siliconix MKP385E44785API2W0 Datasheet HTML 13Page - Vishay Siliconix MKP385E44785API2W0 Datasheet HTML 14Page - Vishay Siliconix MKP385E44785API2W0 Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
MKP385e
www.vishay.com
Vishay BCcomponents
Revision: 28-May-2019
11
Document Number: 28255
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
2500
URAC = 800 V, Up-p = 2250 V, C-TOL. = ± 10 %
0.0010
7.0 x 16.5 x 26.0
22.5
-
2500
2.5
0.3
-
2626
-
25
-
2102BKI[1]2[2]0
0.0012
3.0
0.3
-
2188
-
25
-
2122BKI[1]2[2]0
0.0015
8.5 x 18.0 x 26.0
3.8
0.4
-
1751
-
25
-
2152BKI[1]2[2]0
0.0018
4.5
0.5
-
1459
-
25
-
2182BKI[1]2[2]0
0.0022
5.5
0.5
-
1194
-
25
-
2222BKI[1]2[2]0
0.0027
6.8
0.6
-
973
-
25
-
2272BKI[1]2[2]0
0.0033
8.3
0.6
-
796
-
25
-
2332BKI[1]2[2]0
0.0039
9.8
0.7
-
673
-
25
-
2392BKI[1]2[2]0
0.0047
11.8
0.7
-
559
-
25
-
2472BKI[1]2[2]0
0.0056
14.0
0.8
-
469
-
25
-
2562BKI[1]2[2]0
0.0068
10.0 x 19.5 x 26.0
17.0
0.9
-
386
-
25
-
2682BKI[1]2[2]0
0.0082
20.5
1.0
-
320
-
25
-
2822BKI[1]2[2]0
0.010
25.0
1.1
-
263
-
25
-
3102BKI[1]2[2]0
0.012
12.0 x 22.0 x 26.0
30.0
1.3
-
263
-
30
-
3122BKI[1]2[2]0
0.015
37.5
1.4
-
210
-
30
-
3152BKI[1]2[2]0
0.018
12.5 x 22.5 x 26.5
45.0
1.6
-
175
-
30
-
3182BKI[1]2[2]0
0.015
11.0 x 21.0 x 31.0
27.5
-
1700
25.5
1.3
-
210
-
30
-
3152BKK[1]2[2]0
0.018
30.6
1.4
-
175
-
30
-
3182BKK[1]2[2]0
0.022
13.0 x 23.0 x 31.0
37.4
1.7
-
143
-
30
-
3222BKK[1]2[2]0
0.027
45.9
1.9
-
117
-
30
-
3272BKK[1]2[2]0
0.033
15.0 x 25.0 x 31.0
56.1
2.3
-
95
-
30
-
3332BKK[1]2[2]0
0.039
66.3
2.5
-
81
-
30
-
3392BKK[1]2[2]0
0.047
18.0 x 28.0 x 31.0
79.9
2.9
-
67
-
30
-
3472BKK[1]2[2]0
0.056
95.2
3.0
-
66
-
35
-
3562BKK[1]2[2]0
0.068
21.0 x 31.0 x 31.0
115.6
3.5
-
54
-
35
-
3682BKK[1]2[2]0
0.082
139.4
3.4
-
58
-
45
-
3822BKK[1]2[2]0
0.10
15.7 x 28.5 x 41.5
37.5
-
1000
100.0
7.8
-
11
-
10
-
4102BKP[1]2T0
0.12
18 x 32.5 x 41.5
120.0
9.1
-
10
-
10
-
4122BKP[1]2T0
0.15
18.5 x 35.5 x 43
10.2
150.0
10.4
10.9
8
8
10
10
4152BKP[1]4T0
0.18
21.5 x 38.5 x 43
180.0
11.9
12.5
8
8
15
15
4182BKP[1]4T0
0.22
220.0
12.7
13.3
6
6
15
15
4222BKP[1]4T0
0.27
24 x 44 x 42
270.0
14.5
15.2
6
6
15
15
4272BKP[1]4T0
0.33
30 x 45 x 42
20.3
330.0
16.4
17.2
5
5
15
15
4332BKP[1]5T0
0.39
390.0
17.1
18.0
5
5
15
15
4392BKP[1]5T0
ELECTRICAL DATA AND ORDERING CODE
URDC
(V)
CAP.
(μF)
DIMENSION
w x h x l
(mm)
P1
(mm)
P2
(mm)
du/dt
(V/μs)R
IPEAK
(A)
IRMS (1)
(A)
ESR (2)
(m
)
tan
(3)
(10-4)
ORDERING CODE (4)
MKP385e....
2
PINS
4
PINS
2
PINS
4
PINS
2
PINS
4
PINS
Notes
(1) IRMS at 85 °C ambient temperature and 100 kHz
(2) ESR at 85 °C and 100 kHz
(3) Maximum tan
 value at 100 kHz
(4) Please replace “[1]” by the lead length code and the “[2]” by the packaging type in accordance with section “Composition of Catalog
Number”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com