Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MKP385E54785API2W0 Datasheet(PDF) 27 Page - Vishay Siliconix

Part # MKP385E54785API2W0
Description  THB AC and Pulse Metallized Polypropylene Film Capacitors High Temperature AEC-Q200 Qualified
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKP385E54785API2W0 Datasheet(HTML) 27 Page - Vishay Siliconix

Back Button MKP385E54785API2W0 Datasheet HTML 20Page - Vishay Siliconix MKP385E54785API2W0 Datasheet HTML 21Page - Vishay Siliconix MKP385E54785API2W0 Datasheet HTML 22Page - Vishay Siliconix MKP385E54785API2W0 Datasheet HTML 23Page - Vishay Siliconix MKP385E54785API2W0 Datasheet HTML 24Page - Vishay Siliconix MKP385E54785API2W0 Datasheet HTML 25Page - Vishay Siliconix MKP385E54785API2W0 Datasheet HTML 26Page - Vishay Siliconix MKP385E54785API2W0 Datasheet HTML 27Page - Vishay Siliconix MKP385E54785API2W0 Datasheet HTML 28Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
MKP385e
www.vishay.com
Vishay BCcomponents
Revision: 28-May-2019
27
Document Number: 28255
For technical questions, contact: dc-film@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
AUTOMOTIVE AEC-Q200, REVISION D QUALIFICATION
STRESS
REVISION
CONDITION
SAMPLE
SIZE
PERFORMANCE REQUIREMENTS
1.
High
temperature
exposure
(storage)
D
Test as per MIL-STD 202, method 108
Temp.: 105 ºC; unpowered
Duration: 1000 h
77
|
C/C|  5 %
 0.0005 for C  100 nF at 100 kHz
 0.0010 for 100 nF < C  470 nF at 100 kHz
 0.0015 for 470 nF < C  1 μF at 100 kHz
 0.0015 for 1 μF < C  10 μF at 10 kHz
IR > 50 % of initial specified value
2.
Temperature
cycling
D
Test as per JESD22, method JA-104
Total no. of cycles: 1000 cycles
Lower temp.: -40 °C
Upper temp: +105 °C
Dwell each 30 min as per rev. D
77
|
C/C|  5 %
Increase of tan
:
 0.0005 for C  100 nF at 100 kHz
 0.0010 for 100 nF < C  470 nF at 100 kHz
 0.0015 for 470 nF < C  1 μF at 100 kHz
 0.0015 for 1 μF < C  10 μF at 10 kHz
IR > 50 % of initial specified value
3.
Moisture
resistance
D
Test as per MIL-STD 202, method 106
10 cycles at 24 h/cycle
unpowered
77
|
C/C|  5 %
Increase of tan
:
 0.0005 for C  100 nF at 100 kHz
 0.0010 for 100 nF < C  470 nF at 100 kHz
 0.0015 for 470 nF < C  1 μF at 100 kHz
 0.0015 for 1 μF < C  10 μF at 10 kHz
IR > 50 % of initial specified value
4.
Biased
humidity AC
D
Test as per MIL-STD 202, method 103
Temp.: 40 °C; RH: 93 %; URAC
Duration: 1000 h
77
|
C/C|  5 %
Increase of tan
:  0.008 at 1 kHz
IR > 50 % of initial specified value
5.
Biased
humidity DC
D
Test as per MIL-STD 202, method 103
Temp.: 40 °C; RH: 93 %; URDC
Duration: 1000 h
77
|
C/C|  5 %
Increase of tan
:  0.008 at 1 kHz
IR > 50 % of initial specified value
6.
Operational
life AC
D
Test as per MIL-STD 202, method 108
Temp. = 105 °C; load = URAC
Duration: 1000 h
77
|
C/C|  5 %
Increase of tan
:
 0.0005 for C  100 nF at 100 kHz
 0.0010 for 100 nF < C  470 nF at 100 kHz
 0.0015 for 470 nF < C  1 μF at 100 kHz
 0.0015 for 1 μF < C  10 μF at 10 kHz
IR > 50 % of initial specified value
7.
Operational
life DC
D
Test as per MIL-STD 202, method 108
Temp. = 105 °C; Load = URDC
Duration: 1000 h
77
|
C/C|  5 %
Increase of tan
:
 0.0005 for C  100 nF at 100 kHz
 0.0010 for 100 nF < C  470 nF at 100 kHz
 0.0015 for 470 nF < C  1 μF at 100 kHz
 0.0015 for 1 μF < C  10 μF at 10 kHz
IR > 50 % of initial specified value
8.
Terminal
strength (leaded)
D
Test as per MIL-STD 202, method 211
Test leaded device lead integrity only.
- A (pull-test): 2.27 kg (10 s)
- C (wire-lead bend test): 227 g (3 x 3 s)
30
No visual damage
9.
Resistance
to solvents
D
MIL-STD-202 method 215
- Also aqueous chemical
- OKEM clean or equivalent.
Do not use banned solvents.
5
No visual damage
Legible marking
10. Mechanical
shock
D
MIL-STD-202 method 213
100 g's; 6 ms;
half sine; 3.75 m/s
30
No visual damage
11. Vibration
D
MIL-STD-202 method 204
5 g's for 20 min
12 cycles x 3 directions
10 Hz to 2000 Hz
30
No visual damage
12. Resistance to
soldering heat
D
MIL-STD-202 method 210
Temp.: 280 °C; time: 10 s
solder within 1.5 mm of device body
30
|
C/C|  5 %
Increase of tan
:
 0.0005 for C  100 nF at 100 kHz
 0.0010 for 100 nF < C  470 nF at 100 kHz
 0.0015 for 470 nF < C  1 μF at 100 kHz
 0.0015 for 1 μF < C  10 μF at 10 kHz
IR > 50 % of initial specified value
13. Solderability
D
J-STD-002
Leaded: method A at 235 °C,
category 3 (245 °C / 3 s)
15
Good tinning as evidence by free flowing of the
solder with wetting of terminations > 95 %
14. Flammability
D
UL-94
One flame application
Class B
15
V-0 is acceptable.
Class B or C according IEC is also acceptable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com