Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PD6D2BA Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # PD6D2BA
Description  N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

PD6D2BA Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  PD6D2BA Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD PD6D2BA Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD PD6D2BA Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD PD6D2BA Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD PD6D2BA Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD PD6D2BA Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD PD6D2BA Datasheet HTML 7Page - Wuxi U-NIKC Semiconductor CO.,LTD PD6D2BA Datasheet HTML 8Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PD6D2BA
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
40
1.3
1.7
3
±100
nA
1
10
20
35
18
25
32
S
431
58
36
3.9
Ω
10
5.4
1.2
3.1
10
40
57
28
18
A
1.3
V
9.6
nS
2.4
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
3Package limitation current is 15A.
Forward Transconductance
1
VGS = 4.5V, ID = 12A
Zero Gate Voltage Drain Current
IGSS
Gate Threshold Voltage
VDS = VGS, ID = 250mA
VGS = 0V, VDS = 20V, f = 1MHz
Gate-Body Leakage
STATIC
PARAMETER
SYMBOL
Reverse Transfer Capacitance
Ciss
VDS = 5V, ID = 18A
TEST CONDITIONS
td(on)
tr
td(off)
tf
Turn-On Delay Time
2
Rise Time
2
Turn-Off Delay Time
2
Fall Time
2
VGS(th)
Reverse Recovery Time
IF = 18A, VGS = 0V
IS
VSD
trr
IF = 18A, dlF/dt = 100A / mS
Qrr
Reverse Recovery Charge
Continuous Current
3
Drain-Source Breakdown Voltage
V
UNITS
V(BR)DSS
LIMITS
VGS = 0V, ID = 250mA
pF
RDS(ON)
VGS = 10V , ID = 18A
VDS = 30V, VGS = 0V , TJ = 125 °C
gfs
mA
DYNAMIC
mΩ
Input Capacitance
Qgd
Output Capacitance
Qg(VGS=10V)
Drain-Source On-State
Resistance
1
Gate-Drain Charge
2
Gate-Source Charge
2
VDS = 0V, VGS = ±20V
IDSS
Coss
Crss
VDS = 32V, VGS = 0V
VDS = 20V , ID = 18A
Qgs
nS
VDS = 20V ,
ID @ 18A, VGS = 10V, RGEN =6Ω
Gate Resistance
Rg
VGS = 0V, VDS = 0V, f = 1MHz
Forward Voltage
1
Total Gate Charge
2
Qg(VGS=4.5V)
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
nC
REV 1.0
2
2016/12/23



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com