Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IW4024B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # IW4024B
Description  7 Stage Ripple-Carry Binary Counter/Divider
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

IW4024B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  IW4024B Datasheet HTML 1Page - List of Unclassifed Manufacturers IW4024B Datasheet HTML 2Page - List of Unclassifed Manufacturers IW4024B Datasheet HTML 3Page - List of Unclassifed Manufacturers IW4024B Datasheet HTML 4Page - List of Unclassifed Manufacturers IW4024B Datasheet HTML 5Page - List of Unclassifed Manufacturers IW4024B Datasheet HTML 6Page - List of Unclassifed Manufacturers IW4024B Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
IW4024B
N SUFFIX PLASTIC DIP
(MS - 001AA)
A
B
F
G
D
L
H
SEATING
PLANE
N
K
0.25 (0.010) M
T
M
J
-T-
C
1
14
7
8
Dimensions, mm
Symbol
MIN
MAX
A
18.67
19.69
B
6.10
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
2.54
H
7.62
J
0
°
10
°
K
2.92
3.81
L
7.62
8.26
M
0.20
0.36
N
0.38
NOTES:
1.
Dimensions “A”, “B” do not include mold flash or protrusions. Maximum
mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC
(MS - 012AB)
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M
T
-T-
1
14
7
8
Dimensions, mm
Symbol.
MIN
MAX
A
8.55
8.75
B
3.80
4.00
C
1.35
1.75
D
0.33
0.51
F
0.40
1.27
G
1.27
H
5.72
J
0
°
8
°
K
0.10
0.25
M
0.19
0.25
P
5.80
6.20
R
0.25
0.50
NOTES:
1.Dimensions A and B do not include mold flash or protrusion.
2.Maximum mold flash or protrusion 0.15 mm (0.006) per side for A; for
B - 0.25 mm (0.010) per side.
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com