Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EC3AE04M Datasheet(PDF) 1 Page - CINCON ELECTRONICS Corporation

Part # EC3AE04M
Description  3 WATT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC3AE04M Datasheet(HTML) 1 Page - CINCON ELECTRONICS Corporation

  EC3AE04M Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC3AE04M Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
V12
1
︳
EC3AE SERIES
3 WATT
DC-DC
CONVERTERS
FEATURES
* 3W Isolated Output
* DIP-24/SMD Package
* Efficiency to 61%
* Regulated Outputs
* LC Input Filter
* Low Ripple and Noise
INPUT CURRENT
MODEL
NUMBER
INPUT
VOLTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
NO LOAD
FULL LOAD
%
EFF.
CASE
EC3AE01M
5 VDC
5 VDC
600 mA
120 mA
984 mA
61
DIP-24
EC3AE02M
5 VDC
12 VDC
250 mA
120 mA
984 mA
61
DIP-24
EC3AE03M
5 VDC
15 VDC
200 mA
120 mA
984 mA
61
DIP-24
EC3AE04M
5 VDC
±12 VDC
±125 mA
120 mA
984 mA
61
DIP-24
EC3AE05M
5 VDC
±15 VDC
±100 mA
120 mA
984 mA
61
DIP-24
EC3AE11M
12 VDC
5 VDC
600 mA
60 mA
410 mA
61
DIP-24
EC3AE12M
12 VDC
12 VDC
250 mA
60 mA
410 mA
61
DIP-24
EC3AE13M
12 VDC
15 VDC
200 mA
60 mA
410 mA
61
DIP-24
EC3AE14M
12 VDC
±12 VDC
±125 mA
60 mA
410 mA
61
DIP-24
EC3AE15M
12 VDC
±15 VDC
±100 mA
60 mA
410 mA
61
DIP-24
EC3AE21M
24 VDC
5 VDC
600 mA
40 mA
205 mA
61
DIP-24
EC3AE22M
24 VDC
12 VDC
250 mA
40 mA
205 mA
61
DIP-24
EC3AE23M
24 VDC
15 VDC
200 mA
40 mA
205 mA
61
DIP-24
EC3AE24M
24 VDC
±12 VDC
±125 mA
40 mA
205 mA
61
DIP-24
EC3AE25M
24 VDC
±15 VDC
±100 mA
40 mA
205 mA
61
DIP-24
EC3AE31M
28 VDC
5 VDC
600 mA
35 mA
176 mA
61
DIP-24
EC3AE32M
28 VDC
12 VDC
250 mA
35 mA
176 mA
61
DIP-24
EC3AE33M
28 VDC
15 VDC
200 mA
35 mA
176 mA
61
DIP-24
EC3AE34M
28 VDC
±12 VDC
±125 mA
35 mA
176 mA
61
DIP-24
EC3AE35M
28 VDC
±15 VDC
±100 mA
35 mA
176 mA
61
DIP-24
EC3AE41M
48 VDC
5 VDC
600 mA
20 mA
102 mA
61
DIP-24
EC3AE42M
48 VDC
12 VDC
250 mA
20 mA
102 mA
61
DIP-24
EC3AE43M
48 VDC
15 VDC
200 mA
20 mA
102 mA
61
DIP-24
EC3AE44M
48 VDC
±12 VDC
±125 mA
20 mA
102 mA
61
DIP-24
EC3AE45M
48 VDC
±15 VDC
±100 mA
20 mA
102 mA
61
DIP-24


Similar Part No. - EC3AE04M

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
EC3AE04M RSG-EC3AE04M Datasheet
859Kb / 1P
3 WATT DC-DC CONVERTERS
More results

Similar Description - EC3AE04M

ManufacturerPart #DatasheetDescription
logo
Power-One
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
3 Watt DC-DC Converters
logo
AIMTEC
AM3F AIMTEC-AM3F Datasheet
234Kb / 2P
3 watt dc-dc converters
AM3N-D AIMTEC-AM3N-D Datasheet
215Kb / 2P
3 watt dc-dc converters
AM3N-S AIMTEC-AM3N-S Datasheet
236Kb / 2P
3 watt dc-dc converters
AM3T AIMTEC-AM3T Datasheet
280Kb / 3P
3 watt dc-dc converters
AM3T-N AIMTEC-AM3T-N Datasheet
282Kb / 3P
3 watt dc-dc converters
AM3TW AIMTEC-AM3TW Datasheet
260Kb / 2P
3 watt dc-dc converters
logo
RSG Electronic Componen...
EC3AE01M RSG-EC3AE01M Datasheet
859Kb / 1P
3 WATT DC-DC CONVERTERS
EC3SA-05S33 RSG-EC3SA-05S33 Datasheet
239Kb / 1P
3 WATT REGULATED DC-DC CONVERTERS
logo
List of Unclassifed Man...
UM1001 ETC2-UM1001 Datasheet
286Kb / 2P
3 Watt DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com