Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EC3SAW-24S33P Datasheet(PDF) 2 Page - CINCON ELECTRONICS Corporation

Part # EC3SAW-24S33P
Description  3 WATT 4:1 INPUT DC-DC CONVERTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation

EC3SAW-24S33P Datasheet(HTML) 2 Page - CINCON ELECTRONICS Corporation

  EC3SAW-24S33P Datasheet HTML 1Page - CINCON ELECTRONICS Corporation EC3SAW-24S33P Datasheet HTML 2Page - CINCON ELECTRONICS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
V16
2
SPECIFICATIONS
All Specifications Typical At Nominal Line, Full Load, and 25℃ Unless Otherwise Noted
INPUT SPECIFICATIONS:
GENERAL SPECIFICATIONS:
Input Voltage Range ....……………..........….... 24VDC ................ 9-36VDC
Efficiency …...........................................................…..……… See Table
48VDC …..…… 18-75VDC
Isolation Voltage ..........……………………....……..…. 1500VDC min.
Input Surge Voltage (100ms max.) ……….…..… 24VDC ……..... 50VDC max.
Isolation Resistance ….....................….....................……. 10
9 ohm min.
48VDC …...... 100VDC max.
Isolation Capacitance …………………..…………………..…… 500pF typ.
Under Voltage Protection:
Switching Frequency …...................……....................……. 100KHz min.
24Vin Power Up ……………………….………….. 7.5 VDC max.
Operating Ambient Temperature …………………….
……
-40℃ to +85℃
Power Down …………………….……………. 6 VDC min.
De-rating, Above 71℃ ………………… Linearly to Zero Power at 100℃
48Vin Power Up ……………………….………... 15.5 VDC max.
Case Temperature (note 3) ……………………………..….. 100℃ max.
Power Down ………………………..………. 12 VDC min.
Cooling …………………………………….…………. Natural Convection
Input Filter ………………………………………………..….………… Capacitive
Storage Temperature ………………….…....………..... -55℃ to +125℃
Remote On/Off Control: (Referenced to –Vin)
Humidity ................................................. 95% RH max. Non-Condensing
Module On …….………..……..………………………..…. Open Circuit
MTBF . MIL-HDBK-217F, GB, 25
, Full Load
℃
.. Single … 2800Khrs typ.
Module Off ……….……………….…..…….……..…… 0 to < 1.2VDC
Dual …. 2100Khrs typ.
Module Off (Input Idle Current) …………………..… 1mA max.
EMI ............ Conductive EMI Meets EN55022 Class A & Class B (note5)
OUTPUT SPECIFICATIONS:
Dimensions ……….........… 0.86x0.36x0.44 inches(21.8x9.2x11.1 mm)
Voltage Accuracy ….......................................…………....... ±1.5% max.
Case Material ……………………………… Non-Conductive Black Plastic
Voltage Balance (Dual) ………………………………………………. ±1.0% max.
Weight …………………………………………….……………………… 4.8g
Cross Regulation (Dual)(note 4) … Asymmetrical Load 25%/100% ….. ±5.0% max.
NOTE:
Transient Response: 25% Step Load Change
1. Measured from high line to low line.
Error Band …………………………………………….. ±6% Vout nominal
2. Measured from full load to 10% load.
Recovery Time ………….…………………………….…….. < 500us
3. Maximum case temperature under any operating condition should
Ripple & Noise, 20MHz BW ………………..…………..…….. 50mV pk-pk max.
not be exceeded 100℃.
Temperature Coefficient….................…………..……....…….. ±0.03%/°C
4. For asymmetric loading both channels must be at 25% load or more.
Line Regulation (note 1) .…….……………………....................…. ±0.5% max.
5. The EC3SAW series meet EN55022 Class A & Class B with external
Load Regulation (note 2) ……..…… Single ……….....……......... ±0.5% max.
C-L filter before the input pins to the converter. (see application note)
Dual …………..………..….. ±1.0% max.
Output Short Circuit Protection …......................................….…. Continuous
Start Up Time …………………………………….………………..…… 5ms max.
CASE SIP-8:
Bottom View
PIN CONNECTION
Pin
Single
1
2
3
5
-Vin
+Vin
ON/OFF
NC
All Dimensions In Inches(mm)
X.XX±0.02
X.X±0.5
0.86 [21.8]
0.10 [2.5]
0.70 [17.8]
0.08 [2.0]
0.02 [0.5]
Pin
±0.002
±0.05
Tolerances : Inches
millimeters
Dual
6
7
8
+Vo
-Vo
NC
-Vin
+Vin
ON/OFF
NC
+Vo
Common
-Vo
1
2
3
5
6
7
8
Typical Derating curve for Natural Convection
71
100
-40
0%
20%
40%
60%
80%
100%
120%
-40
-20
0
20
40
60
80
100
Ambient Temperature(oC)
Natural
Convection



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com