Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IN74ACT643 Datasheet(PDF) 3 Page - Integral Corp.

Part # IN74ACT643
Description  OCTAL 3-STATE BUS TRANSCEIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74ACT643 Datasheet(HTML) 3 Page - Integral Corp.

  IN74ACT643 Datasheet HTML 1Page - Integral Corp. IN74ACT643 Datasheet HTML 2Page - Integral Corp. IN74ACT643 Datasheet HTML 3Page - Integral Corp. IN74ACT643 Datasheet HTML 4Page - Integral Corp. IN74ACT643 Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
IN74ACT643
3
DC ELECTRICAL CHARACTERISTICS(Voltages Referenced to GND)
VCC
Guaranteed
Limits
Symbol
Parameter
Test Conditions
V
25
°C
-40
°C to
85
°C
Unit
VIH
Minimum
High-
Level
Input
Voltage
VOUT= 0.1 V or VCC-0.1
V
4.5
5.5
2.0
2.0
2.0
2.0
V
VIL
Maximum Low -
Level
Input
Voltage
VOUT= 0.1 V or VCC-0.1
V
4.5
5.5
0.8
0.8
0.8
0.8
V
VOH
Minimum
High-
Level
Output
Voltage
IOUT ≤ -50 µA
4.5
5.5
4.4
5.4
4.4
5.4
V
*VIN=VIH
or
VIL
IOH=-24
mA
IOH=-24 mA
4.5
5.5
3.86
4.86
3.76
4.76
VOL
Maximum
Low-
Level
Output
Voltage
IOUT ≤ 50 µA
4.5
5.5
0.1
0.1
0.1
0.1
V
*VIN=
VIH
or
VIL
IOL=24
mA
IOL=24 mA
4.5
5.5
0.36
0.36
0.44
0.44
IIN
Maximum
Input
Leakage Current
VIN=VCC or GND
5.5
±0.1
±1.0
µA
∆ICCT
Additional
Max.
ICC/Input
VIN=VCC - 2.1 V
5.5
1.5
mA
IOZ
Maximum Three-
State
Leakage
Current
VIN (OE)= VIH
or VIL
VIN
=VCC
or
GND
VOUT =VCC or GND
5.5
±0.6
±6.0
µA
IOLD
+Minimum
Dynamic
Output
Current
VOLD=1.65 V Max
5.5
75
mA
IOHD
+Minimum
Dynamic
Output
Current
VOHD=3.85 V Min
5.5
-75
mA
ICC
Maximum
Quiescent Supply
Current
(per Package)
VIN=VCC or GND
5.5
8.0
80
µA
* All outputs loaded; thresholds on input associated with output under test.
+Maximum test duration 2.0 ms, one output loaded at a time.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com