Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST7LITE39 Datasheet(PDF) 88 Page - STMicroelectronics

Part # ST7LITE39
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH, DATA EEPROM, ADC, TIMERS, SPI, LINSCI
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LITE39 Datasheet(HTML) 88 Page - STMicroelectronics

Back Button ST7LITE39 Datasheet HTML 84Page - STMicroelectronics ST7LITE39 Datasheet HTML 85Page - STMicroelectronics ST7LITE39 Datasheet HTML 86Page - STMicroelectronics ST7LITE39 Datasheet HTML 87Page - STMicroelectronics ST7LITE39 Datasheet HTML 88Page - STMicroelectronics ST7LITE39 Datasheet HTML 89Page - STMicroelectronics ST7LITE39 Datasheet HTML 90Page - STMicroelectronics ST7LITE39 Datasheet HTML 91Page - STMicroelectronics ST7LITE39 Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 167 page
background image
ST7LITE3
88/167
11.5 LINSCI SERIAL COMMUNICATION INTERFACE (LIN MASTER/SLAVE)
11.5.1 Introduction
The Serial Communications Interface (SCI) offers
a flexible means of full-duplex data exchange with
external equipment requiring an industry standard
NRZ asynchronous serial data format. The SCI of-
fers a very wide range of baud rates using two
baud rate generator systems.
The LIN-dedicated features support the LIN (Local
Interconnect Network) protocol for both master
and slave nodes.
This chapter is divided into SCI Mode and LIN
mode sections. For information on general SCI
communications, refer to the SCI mode section.
For LIN applications, refer to both the SCI mode
and LIN mode sections.
11.5.2 SCI Features
Full duplex, asynchronous communications
NRZ standard format (Mark/Space)
Independently
programmable
transmit
and
receive baud rates up to 500K baud.
Programmable data word length (8 or 9 bits)
Receive buffer full, Transmit buffer empty and
End of Transmission flags
Two receiver wake-up modes:
– Address bit (MSB)
– Idle line
Muting function for multiprocessor configurations
Separate
enable bits for Transmitter and
Receiver
Overrun, Noise and Frame error detection
Six interrupt sources
– Transmit data register empty
– Transmission complete
– Receive data register full
– Idle line received
– Overrun error
– Parity interrupt
Parity control:
– Transmits parity bit
– Checks parity of received data byte
Reduced power consumption mode
11.5.3 LIN Features
– LIN Master
– 13-bit LIN Synch Break generation
– LIN Slave
– Automatic Header Handling
– Automatic
baud
rate
re-synchronization
based on recognition and measurement of the
LIN Synch Field (for LIN slave nodes)
– Automatic baud rate adjustment (at CPU fre-
quency precision)
– 11-bit LIN Synch Break detection capability
– LIN Parity check on the LIN Identifier Field
(only in reception)
– LIN Error management
– LIN Header Timeout
– Hot plugging support
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com