Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

C2012C0G2E102KB Datasheet(PDF) 5 Page - TDK Electronics

Part # C2012C0G2E102KB
Description  Ceramic Capacitors For Mid Voltage SMD
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012C0G2E102KB Datasheet(HTML) 5 Page - TDK Electronics

  C2012C0G2E102KB Datasheet HTML 1Page - TDK Electronics C2012C0G2E102KB Datasheet HTML 2Page - TDK Electronics C2012C0G2E102KB Datasheet HTML 3Page - TDK Electronics C2012C0G2E102KB Datasheet HTML 4Page - TDK Electronics C2012C0G2E102KB Datasheet HTML 5Page - TDK Electronics C2012C0G2E102KB Datasheet HTML 6Page - TDK Electronics C2012C0G2E102KB Datasheet HTML 7Page - TDK Electronics C2012C0G2E102KB Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
• All specifications are subject to change without notice.
(5/8)
001-01 / 20020221 / e42144_c2012.fm
Ceramic Capacitors
C Series
For Mid Voltage
SMD
TEMPERATURE CHARACTERISTICS: X7R(±15%)
RATED VOLTAGE Edc: 100V
Capacitance
(pF)
Tolerance
Thickness
(mm)
Part No.
33000
±10%
1.15±0.15
C3216X7R2A333K
±20%
1.15±0.15
C3216X7R2A333M
47000
±10%
1.15±0.15
C3216X7R2A473K
±20%
1.15±0.15
C3216X7R2A473M
68000
±10%
1.6±0.2
C3216X7R2A683K
±20%
1.6±0.2
C3216X7R2A683M
100000
±10%
1.6±0.2
C3216X7R2A104K
±20%
1.6±0.2
C3216X7R2A104M
150000
±10%
1.6±0.2
C3216X7R2A154K
±20%
1.6±0.2
C3216X7R2A154M
∗ M tolerance is standard for Mid Voltage X7R capacitors.
• For more information about products with other capacitance or other data,
please contact us.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com