Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSK4360ES Datasheet(PDF) 5 Page - M.S. Kennedy Corporation

Part # MSK4360ES
Description  10 AMP, 55V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK4360ES Datasheet(HTML) 5 Page - M.S. Kennedy Corporation

  MSK4360ES Datasheet HTML 1Page - M.S. Kennedy Corporation MSK4360ES Datasheet HTML 2Page - M.S. Kennedy Corporation MSK4360ES Datasheet HTML 3Page - M.S. Kennedy Corporation MSK4360ES Datasheet HTML 4Page - M.S. Kennedy Corporation MSK4360ES Datasheet HTML 5Page - M.S. Kennedy Corporation MSK4360ES Datasheet HTML 6Page - M.S. Kennedy Corporation MSK4360ES Datasheet HTML 7Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BUS VOLTAGE FILTER CAPACITORS
The size and placement of the capacitors for the DC bus has a direct bearing on the amount of noise filtered and also on the size
and duration of the voltage spikes seen by the bridge. What is being created is a series RLC tuned circuit with a resonant
frequency that is seen as a damped ringing every time one of the transistors switches. For the resistance, wire resistance, power
supply impedance and capacitor ESR all add up for the equivalent lumped resistance in the circuit. The inductance can be figured
at about 30 nH per inch from the power supply. Any voltage spikes are on top of the bus voltage and the back EMF from the
motor. All this must be taken into account when designing and laying out the system. If everything has been minimized, there is
another solution. A second capacitance between 5 and 10 times the first capacitor and it should either have some ESR or a
resistor can be added in series with the second capacitor to help damp the voltage spikes.
Be careful of the ripple current in all the capacitors. Excessive ripple current, beyond what the capacitors can handle, will destroy
the capacitors.
REGULATED VOLTAGE FILTER CAPACITORS
It is recommended that about 10 µF of capacitance (tantalum electrolytic) for bypassing the + and -15V regulated outputs be
placed as close to the module pins as practical. Adding ceramic bypass capacitors of about 0.1 µF to 1 µF will aid in suppressing
noise transients.
GENERAL LAYOUT
Good PC layout techniques are a must. Ground plane for the analog circuitry must be used and should be tied back to the SIG
GND. Ground plane for the power circuitry should be tied back to the V+ RTN pin, pin 16. Pin 16 should be connected to pin 10
external to the hybrid by a single thick trace. This will connect the two ground planes together.
LOW POWER STARTUP
When starting up a system utilizing the MSK 4360 for the first time, there are a few things to keep in mind. First, because of the
small size of the module, short circuiting the output phases either to ground or the DC bus will destroy the bridge. The current
limiting and control only works for current actually flowing through the bridge. The current sense resistor has to see the current
in order for the electronics to control it. If possible, for startup use a lower voltage and lower current power supply to test out
connections and the low current stability. With a limited current supply, even if the controller locks up, the dissipation will be
limited. By observing the E/A OUT pin which is the error amp output, much can be found out about the health and stability of the
system. An even waveform with some rounded triangle wave should be observed. As current goes up, the DC component of the
waveform should move up or down. At full current (with a regular supply) the waveform should not exceed +8 volts positive
peak, or -8 volts negative peak. Some audible noise will be heard which will be the commutation frequency. If the motor squeals,
there is instability and power should be removed immediately unless power dissipation isn't excessive due to limited supply
current. For compensation calculations, refer to the block diagram for all information to determine the amplifier gain for loop gain
calculations.
5
Rev. G 11/01
APPLICATION NOTES CONTINUED



Html Pages

1 2 3 4 5 6 7