Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RES2CV360 Datasheet(PDF) 1 Page - Intel Corporation

Part # RES2CV360
Description  Narrow 36 or 24 port expander board for systems with more than eight drives
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

RES2CV360 Datasheet(HTML) 1 Page - Intel Corporation

  RES2CV360 Datasheet HTML 1Page - Intel Corporation RES2CV360 Datasheet HTML 2Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Intel® RAID Expander RES2CV360/240
Narrow 36 or 24 port expander board for systems with more
than eight drives
Key Advantages:
• Low-cost alternative to high port count RAID cards.
Provides a more economical solution when compared to an
alternative solution with a high port count card. Plus, it offers
greater flexibility since the RES2CV360/240 can be teamed
with a wide variety four or eight port SAS RAID card/modules
to deliver features that are best suited to a customer’s needs.
• Inside-the-box design flexibility. With a narrow form factor
design, the card can be mounted on a chassis wall or ducting.
Power is obtained by using a power cable with a standard
4-pin power connector.
• Excellent performance. Overall solution performance using a
RES2CV360/240 is on par with Intel’s SAS-2 high port count
RAID with transfer rates of up to 6Gb/s per port. While today’s
high port count RAID cards typically include an expander on
the card, a RES2CV360/240-based solution separates the
expander from the RAID card for high performance with more
system design flexibility.
• Compatible with SAS-2 RAID products. Connect any of Intel’s
current SAS-2 RAID products including the Intel® Integrated
RAID Module RMSCB080 for full hardware RAID functionality.
• Exceptional quality and support. Thoroughly tested across
Intel’s SAS-2 RAID product line to ensure ease of deployment
and backed by a three year warranty. (Extended five year
warranty also available.)
Product Overview:
For a low-cost, value-added alternative to high port count RAID
cards, select the Intel® RAID Expander RES2CV360/240 to achieve
excellent performance and higher returns on investment. As the
perfect complement for Intel’s SAS-2 generation RAID cards, the
RES2CV360/240 offers ultimate flexibility for architecting a high
drive count (>8 drive) storage solution in any sized system. The
card has a designated mounting spot in Intel’s new R2xxx series
2U chassis (when using 2.5” drives) and can be mounted to a
chassis wall or air-duct in other chassis.
The RES2CV360/240, powered by an LSI* SAS2x36/24 36 or 24-
port SAS-2 expander, enables the connection of up to 32 or 20
directly attached SAS or Serial ATA (SATA) devices, and provides
table routing to support connections for up to 1024 SAS addresses.
Each expander phy is individually configurable and performs SAS
and SATA transfers based on the speed of the host or target
at either 6.0Gb/s, 3.0Gb/s or 1.5Gb/s. The RES2CV360/240
supports management functions such as discovery and enclosure
management, and can be cascaded to accommodate as many
drives as the associated SAS/RAID card allows.
All Intel RAID solutions are validated across multiple platforms
with Intel® boards, chassis and systems. Customized training, as
well as Intel service and support, make Intel the one source for
customers seeking data protection, increased productivity and
simplified IT.
PRODUCT BRIEF
Intel® RAID Expander RES2CV360/240


Similar Part No. - RES2CV360

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
RES20-100-200 COPAL-RES20-100-200 Datasheet
131Kb / 6P
MANUAL SETTING TYPE OPTICAL ENCODERS
RES20-100-200-Z COPAL-RES20-100-200-Z Datasheet
131Kb / 6P
MANUAL SETTING TYPE OPTICAL ENCODERS
RES20-50-200 COPAL-RES20-50-200 Datasheet
131Kb / 6P
MANUAL SETTING TYPE OPTICAL ENCODERS
RES20-50-200-Z COPAL-RES20-50-200-Z Datasheet
131Kb / 6P
MANUAL SETTING TYPE OPTICAL ENCODERS
RES20B-25-201-1 COPAL-RES20B-25-201-1 Datasheet
131Kb / 6P
MANUAL SETTING TYPE OPTICAL ENCODERS
More results

Similar Description - RES2CV360

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7319 MAXIM-MAX7319 Datasheet
251Kb / 16P
I2C Port Expander with Eight Inputs and Maskable Transition Detection
Rev 1; 10/05
MAX7324 MAXIM-MAX7324 Datasheet
261Kb / 20P
I2C Port Expander with Eight Push-Pull Outputs and Eight Inputs
Rev 0; 10/06
MAX7320 MAXIM-MAX7320 Datasheet
214Kb / 14P
I2C Port Expander with Eight Push-Pull Outputs
Rev 0; 10/05
logo
Intel Corporation
WG82574LSLBA9 INTEL-WG82574LSLBA9 Datasheet
2Mb / 472P
64-bit address master support for systems using more than 4 GB of physical memory
logo
STMicroelectronics
UM0401 STMICROELECTRONICS-UM0401 Datasheet
525Kb / 17P
User manual for eight bit port expander
05-Jun-2007
logo
Maxim Integrated Produc...
MAX7320 MAXIM-MAX7320_15 Datasheet
845Kb / 14P
I2C Port Expander with Eight Push-Pull Outputs
Rev 1; 4/15
MAX7324 MAXIM-MAX7324_14 Datasheet
979Kb / 18P
I2C Port Expander with Eight Push-Pull Outputs and Eight Inputs
Rev 1; 5/14
logo
PHOENIX CONTACT
FL-SWITCH-SFN-24VAC PHOENIX-FL-SWITCH-SFN-24VAC Datasheet
401Kb / 6P
Five- and Eight-Port Standard Function Ethernet Switch with Narrow Housings for 24 V AC Power
FL-SWITCH-SFNB PHOENIX-FL-SWITCH-SFNB Datasheet
340Kb / 7P
Five- and Eight-Port Standard Function Ethernet Switch with Narrow Housing
logo
Maxim Integrated Produc...
MAX7319 MAXIM-MAX7319_V01 Datasheet
937Kb / 15P
I2C Port Expander with Eight Inputs and Maskable Transition Detection
19-3809; Rev 2; 5/14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com