Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

T50I0UVC2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # T50I0UVC2
Description  UV Resistant Cable Tie, 12" Long, UL Rated, 50lb Tensile Strength, PA66UV, Black, 100/pkg
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

T50I0UVC2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  T50I0UVC2 Datasheet HTML 1Page - List of Unclassifed Manufacturers T50I0UVC2 Datasheet HTML 2Page - List of Unclassifed Manufacturers T50I0UVC2 Datasheet HTML 3Page - List of Unclassifed Manufacturers T50I0UVC2 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product Description
Used in the solar industry and other applications, HellermannTyton
offers cable ties made of UV stabilized PA66UV material. This
material provides additional protection against UV radiation for
long-term outdoor use and is available in various styles, tensile
strengths, and bundle diameters. T-Series Cable Ties feature inside
serrations to provide a positive hold on wire and cable bundles. The
head design guarantees high tensile strength and a low insertion
force. The bent tail design allows quick and simple installations by
hand. For high-volume applications, tensioning tools are available to
ensure consistent and safe installation.
Short Description
UV Resistant Cable Tie, 12" Long, UL Rated, 50lb Tensile Strength,
PA66UV, Black, 100/pkg
Global Part Name
T50I-PA66UV-BK
Minimum Tensile Strength (Imperial)
50.0
Minimum Tensile Strength (Metric)
225.0
Length L (Imperial)
12.0
Length L (Metric)
305.0
Identification Plate Position
none
Releasable Closure
No
Tie Closure
plastic pawl
Variant
Inside Serrated
Width W (Imperial)
0.18



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com