Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4071 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4071
Description  100mA Wireless Li-Ion Charger with Low Battery Disconnect
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4071 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4071 Datasheet HTML 9Page - Analog Devices LTC4071 Datasheet HTML 10Page - Analog Devices LTC4071 Datasheet HTML 11Page - Analog Devices LTC4071 Datasheet HTML 12Page - Analog Devices LTC4071 Datasheet HTML 13Page - Analog Devices LTC4071 Datasheet HTML 14Page - Analog Devices LTC4071 Datasheet HTML 15Page - Analog Devices LTC4071 Datasheet HTML 16Page - Analog Devices LTC4071 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LTC4124
13
Rev. A
For more information www.analog.com
APPLICATIONS INFORMATION
The LTC4124 is designed to be a highly integrated com-
plete solution for a wireless single cell Li-Ion battery char-
ger. As such its application circuit is simple with a minimal
number of external components.
COMPONENT SELECTION
In the simplest application with a DC input voltage and no
wireless power input, a single cell Li-Ion battery charger
with the LTC4124 requires no external components at all
(Figure 6). Note that even though this simplest application
is a complete functional single cell Li-Ion battery charger,
it does not have the temperature qualified charging feature
nor does it have any visual charge status indicator.
In order to include the temperature qualified charging, a
negative temperature coefficient (NTC) thermistor needs
to be added. To add a visual charge status indicator, an
LED needs to be connected between the VCC pin and the
CHRG pin. Figure 7 shows these two components added
to the application circuit of Figure 6.
Figure 6.
5V
LTC4124
4124 F06
VCC
VSEL2
LBSEL
NTC
DCIN
BAT
ACIN
CHRG
PRECHG VSEL1 GND ISEL1 ISEL2
+
Simplest 10mA Single Cell Li-Ion Charger
with LTC4124 with No Temperature Qualified
Charging and No Charge Status Indicator
Figure 7.
5V
RNTCRX
100k
DRX
LTC4124
4124 F07
VCC
VSEL2
LBSEL
CHRG
DCIN
NTC
BAT
ACIN
PRECHG
+
VSEL1 GND ISEL1 ISEL2
Simple 10mA Single Cell Li-Ion Charger with DC Input
NTC Thermistor
To use the battery temperature qualified charging feature,
connect a 100kΩ NTC thermistor between the NTC pin
and GND. Thermistor manufacturer data sheets usually
include either a temperature lookup table or a formula
relating temperature to the resistance at that correspond-
ing temperature. Table 5 shows some thermistors that can
be used with the LTC4124.
Table 5. Recommended NTC Thermistors
Manufacturer
Part Number
Description
TDK
NTCG064EF104F
100kΩ, 1%, 0201
MURATA
NCP03WF104F
100kΩ, 1%, 0201
In the setup shown in Figure 7, the LTC4124 will pause
charging at higher temperatures when the resistance of
the NTC thermistor drops to 54kΩ. For the thermistors
listed in Table 5, this corresponds to approximately 43°C.
As temperature drops, the resistance of the NTC thermis-
tor rises. The LTC4124 will also pause charging when the
value of the NTC thermistor increases to 300kΩ. For the
thermistors listed in Table 5, this corresponds to approxi-
mately 3°C. For the same thermistors in Table 5, the hot
and cold comparators each have approximately 5°C of
hysteresis to prevent oscillation about the trip point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com